Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPIO4 Datasheet(PDF) 41 Page - Microchip Technology

Part # GPIO4
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

GPIO4 Datasheet(HTML) 41 Page - Microchip Technology

Back Button GPIO4 Datasheet HTML 37Page - Microchip Technology GPIO4 Datasheet HTML 38Page - Microchip Technology GPIO4 Datasheet HTML 39Page - Microchip Technology GPIO4 Datasheet HTML 40Page - Microchip Technology GPIO4 Datasheet HTML 41Page - Microchip Technology GPIO4 Datasheet HTML 42Page - Microchip Technology GPIO4 Datasheet HTML 43Page - Microchip Technology GPIO4 Datasheet HTML 44Page - Microchip Technology GPIO4 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
 2016-2018 Microchip Technology Inc.
DS00002236D-page 41
USB5806
TABLE 8-10:
TIMER A: BILLBOARD DETACH TIMER LSB
DETACH_TIMER_A_LSB
(413Ch)
Billboard Detach Timer A LSB
BIT
Name
R/W
Description
7:0
TIMEOUT
R/W
Timer A is started as soon as the Hub Feature Controller’s Billboard
Class Device address is set by the host. Once the timer expires, the
Billboard Class Device will automatically detach from the host and re-
attach as the default WinUSB device.
Increments of 10ms can be set.
The default value of 413Ch = D0h, 413Dh = 07h is equivalent to a 20s
timeout. (07D0h = 2000d)
TABLE 8-11:
TIMER A: BILLBOARD DETACH TIMER MSB
DETACH_TIMER_A_MSB
(413Dh)
Billboard Detach Timer A MSB
BIT
Name
R/W
Description
7:0
TIMEOUT
R/W
Timer A is started as soon as the Hub Feature Controller’s Billboard
Class Device address is set by the host. Once the timer expires, the
Billboard Class Device will automatically detach from the host and re-
attach as the default WinUSB device.
Increments of 10ms can be set.
Note:
The default value of 413Ch = D0h, 413Dh = 07h is equiv-
alent to a 20s timeout. (07D0h = 2000d)
TABLE 8-12:
TIMER B: BILLBOARD DETACH TIMER LSB
DETACH_TIMER_B_LSB
(413Eh)
Billboard Detach Timer B LSB
BIT
Name
R/W
Description
7:0
TIMEOUT
R/W
Timer B is started as soon as the host requests iAlternateModeString.
Once the timer expires, the Billboard Class Device will automatically
detach from the host and re-attach as the default WinUSB device.
Increments of 10ms can be set.
The default value of 413Ch = D0h, 413Dh = 07h is equivalent to a 20s
timeout. (07D0h = 2000d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com