Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPIO4 Datasheet(PDF) 39 Page - Microchip Technology

Part # GPIO4
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

GPIO4 Datasheet(HTML) 39 Page - Microchip Technology

Back Button GPIO4 Datasheet HTML 35Page - Microchip Technology GPIO4 Datasheet HTML 36Page - Microchip Technology GPIO4 Datasheet HTML 37Page - Microchip Technology GPIO4 Datasheet HTML 38Page - Microchip Technology GPIO4 Datasheet HTML 39Page - Microchip Technology GPIO4 Datasheet HTML 40Page - Microchip Technology GPIO4 Datasheet HTML 41Page - Microchip Technology GPIO4 Datasheet HTML 42Page - Microchip Technology GPIO4 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
 2016-2018 Microchip Technology Inc.
DS00002236D-page 39
USB5806
USB Billboard is supported by the USB5806 in conjunction with an external USB Power Delivery capable controller that
supports the USB PD stack and alternate mode negotiation.
When a USB Type-C enabled product supports alternate modes for enhanced capability beyond what is available
through USB connectivity alone, that product must support a USB Billboard endpoint so that a user will be notified by
an operating system when the enhanced capability is not enabled due to an alternate mode mismatch.
A good example of alternate mode functionality is support for a DisplayPort monitor that many docking stations provide.
In this case, the docking station offers DisplayPort (DP) capability over the USB-C connector as an alternate mode.The
DP monitor will only function correctly when a successful alternate mode negotiation occurs between the docking station
and the notebook PC (this is the USB-C to USB-C connection). In order for the alternate mode negotiation to succeed,
the Notebook and the Docking Station must both support DP over USB-C, and have the DP messaging capability
enabled to support alternate mode negotiation. If the alternate mode negotiation is successful, then the notebook and
the Docking Station both change their multiplexers to enable DP signaling over USB Type-C. In this case, no USB Bill-
board messages need to be displayed.
If the above example instead uses a notebook that doesn’t support DP over USB-C, then the alternate mode negotiation
will fail. The docking station will not have a way to enable the DP monitor capability, reducing functionality for the cus-
tomer. For this is the reason, USB Billboard capability is mandated. In this case, a USB Billboard device class endpoint
must appear on a hub port within the Docking Station, and it must provide text and or a web site link which will provide
information to the user regarding the corrective steps required to use the feature.
In the case of the USB5806, all of the above mentioned negotiation capability will occur outside of the USB5806 via an
external USB Power Delivery capable device that contains a full USB PD stack and can communicate via USB PD mes-
saging. In an alternate mode failure case, the USB5806 will provide that message by allowing the USB host to enumer-
ate an internal USB Billboard Device Class just after the failure in response to a signal from the external USB PD
controller. The Billboard Device descriptors will contain the failure message to the USB Host. The message itself will be
prerecorded in the device’s OTP memory.
8.9.1
BILLBOARD ENABLE IN OTP AND GPIOx PIN USE
Any of the GPIOx pins may be selected to use as the BILLBOARD_EN input. By default, GPIO68 is selected when the
Billboard feature is enabled.
The BILLBOARD_EN input signal is active low. When the pin is driven low by a Power Delivery controller to indicate
an alternate mode negotiation failure, the Billboard functionality will activate.
TABLE 8-8:
USB 3.X PORT SPLIT TOGGLE TIME REGISTER
USB3_PORT_SPLIT_TOGGLE_TIME
(0X4176 - RESET=0X05)
USB 3.X PORT SPLIT TOGGLE TIME REGISTER
BIT
NAME
R/W
DESCRIPTION
[7:0]
PORT_SPLIT_TOGGLE_
TIME[7:0]
R/W
The PORT_SPLIT_TOGGLE_TIME is used to control the length of
time port power is toggled off. This is specific to the
“PRTPWRx_USB3_SPLIT” pin, and is only used in conjunction with
0X4171. The timer is always reset whenever the toggle completes.
The minimum toggle time is 350ms and is represented by
00000000b.
Each incremental value will add 10ms to the 350ms minimum value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com