Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPIO4 Datasheet(PDF) 11 Page - Microchip Technology

Part # GPIO4
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

GPIO4 Datasheet(HTML) 11 Page - Microchip Technology

Back Button GPIO4 Datasheet HTML 7Page - Microchip Technology GPIO4 Datasheet HTML 8Page - Microchip Technology GPIO4 Datasheet HTML 9Page - Microchip Technology GPIO4 Datasheet HTML 10Page - Microchip Technology GPIO4 Datasheet HTML 11Page - Microchip Technology GPIO4 Datasheet HTML 12Page - Microchip Technology GPIO4 Datasheet HTML 13Page - Microchip Technology GPIO4 Datasheet HTML 14Page - Microchip Technology GPIO4 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
 2016-2018 Microchip Technology Inc.
DS00002236D-page 11
USB5806
USB 3.1 Gen 1
Ports 6-1
D+ TX
USB3DN_TXDP[6:1]
I/O-U
Downstream Super Speed Transmit Data Plus,
ports 6 through 1.
USB 3.1 Gen 1
Ports 6-1
D- TX
USB3DN_TXDM[6:1]
I/O-U
Downstream Super Speed Transmit Data Minus,
ports 6 through 1.
USB 3.1 Gen 1
Ports 6-1
D+ RX
USB3DN_RXDP[6:1]
I/O-U
Downstream Super Speed Receive Data Plus,
ports 6 through 1.
USB 3.1 Gen 1
Ports 6-1
D- RX
USB3DN_RXDM[6:1]
I/O-U
Downstream Super Speed Receive Data Minus,
ports 6 through 1.
TABLE 3-3:
USB 2.0 PIN DESCRIPTIONS
Name
Symbol
Buffer
Type
Description
USB 2.0
Upstream
D+
USB2UP_DP
I/O-U
Upstream USB 2.0 Data Plus (D+)
USB 2.0
Upstream
D-
USB2UP_DM
I/O-U
Upstream USB 2.0 Data Minus (D-)
USB 2.0
Ports 6 D+
USB2DN_DP[6:1]
I/O-U
Downstream USB 2.0 Ports 6-1 Data Plus (D+)
USB 2.0
Ports 6 D-
USB2DN_DM[6:1]
I/O-U
Downstream USB 2.0 Ports 6-1 Data Minus (D-)
VBUS Detect
VBUS_DET
IS
This signal detects the state of the upstream bus power.
When designing a detachable hub, this pin must be con-
nected to the VBUS power pin of the upstream USB port
through a resistor divider (50 k
by 100 k) to provide
3.3 V.
For self-powered applications with a permanently
attached host, this pin must be connected to either 3.3 V
or 5.0 V through a resistor divider to provide 3.3 V.
In embedded applications, VBUS_DET may be controlled
(toggled) when the host desires to renegotiate a connec-
tion without requiring a full reset of the device.
TABLE 3-2:
USB 3.1 GEN 1 PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com