Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPIO4 Datasheet(PDF) 43 Page - Microchip Technology

Part # GPIO4
Description  6-Port USB 3.1 Gen 1 Smart Hub
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

GPIO4 Datasheet(HTML) 43 Page - Microchip Technology

Back Button GPIO4 Datasheet HTML 39Page - Microchip Technology GPIO4 Datasheet HTML 40Page - Microchip Technology GPIO4 Datasheet HTML 41Page - Microchip Technology GPIO4 Datasheet HTML 42Page - Microchip Technology GPIO4 Datasheet HTML 43Page - Microchip Technology GPIO4 Datasheet HTML 44Page - Microchip Technology GPIO4 Datasheet HTML 45Page - Microchip Technology GPIO4 Datasheet HTML 46Page - Microchip Technology GPIO4 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
 2016-2018 Microchip Technology Inc.
DS00002236D-page 43
USB5806
bmConfigured[28]
Default = 00h
bmConfigured[29]
Default = 00h
bmConfigured[30]
Default = 00h
bmConfigured[31]
Default = 00h
bcdVersion[0]
Default = 10h
bcdVersion[1]
Default = 01h
bAdditonalFailureInfo
Default = 00h
bReserved
Default = 00h
wSVID[0]
Default = 00h
wSVID[1]
Default = FFh
bAlternateMode
Default = 00h
TABLE 8-14:
BILLBOARD DEVICE DESCRIPTORS (CONTINUED)
Offset: 0
Offset: +1
Offset: +2
Offset: +3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com