Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVI-EM2COMIF Datasheet(PDF) 13 Page - Intel Corporation

Part # EVI-EM2COMIF
Description  Intel짰 Enpirion짰 Power Solutions EM2130x0xQI 30A PowerSoC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EVI-EM2COMIF Datasheet(HTML) 13 Page - Intel Corporation

Back Button EVI-EM2COMIF Datasheet HTML 9Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 10Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 11Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 12Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 13Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 14Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 15Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 16Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Data Sheet | Intel Enpirion Power Solutions: EM2130
Page 13
Typical Performance Characteristics (Continued)
Start-up/Shutdown, PVIN At No Load,
20 ms/div
Start-up/Shutdown, PVIN At 30A Load,
20 ms/div
PVIN and PWM: 3 V/div,
VOUT: 300 mV/div, IOUT: 10 A/div
PVIN and PWM: 3 V/div,
VOUT: 300 mV/div, IOUT: 10 A/div
Start-up/Shutdown, CTRL At No Load,
5 ms/div
Start-up/Shutdown, CTRL At 30A Load,
5 ms/div
CTRL: 1 V/div, PWM: 3 V/div,
VOUT: 300 mV/div, IOUT: 10 A/div
CTRL: 1 V/div, PWM: 3 V/div,
VOUT: 300 mV/div, IOUT: 10 A/div
Start-up Into 0.6V Pre-Bias With PVIN,
5 ms/div
Start-up Into 0.6V Pre-Bias With CTRL,
5 ms/div
PVIN: 3 V/div, PWM: 3 V/div,
VOUT: 300 mV/div, IOUT: 10 A/div
CTRL: 1 V/div, PWM: 3 V/div,
VOUT: 300 mV/div, IOUT: 10 A/div
PVIN
VOUT
PWM
IOUT
VOUT
IOUT
PVIN
PWM
CTRL
VOUT
PWM
IOUT
CTRL
VOUT
PWM
IOUT
PVIN
VOUT
PWM
IOUT
CTRL
VOUT
PWM
IOUT
12873
April 10, 2020
Rev I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com