Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVI-EM2COMIF Datasheet(PDF) 21 Page - Intel Corporation

Part # EVI-EM2COMIF
Description  Intel짰 Enpirion짰 Power Solutions EM2130x0xQI 30A PowerSoC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EVI-EM2COMIF Datasheet(HTML) 21 Page - Intel Corporation

Back Button EVI-EM2COMIF Datasheet HTML 17Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 18Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 19Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 20Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 21Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 22Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 23Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 24Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Data Sheet | Intel Enpirion Power Solutions: EM2130
Page 21
SMBAlert Pin
The SMBAlert pin is intended to operate using an external pull-up voltage of 3.3V and contains a weak
internal pull-up.
If operating in applications with a lower voltage pull-up voltage, it is recommended that an external low Vf
Schottky diode be placed at the input to localise this voltage.
VPull-Up
SMBAlert
EM2120
Figure 7: SMBAlert Pin Low Voltage Pull-up Option
Table 10: Schottky Diode Options
Description
Manufacturer
P/N
40V, 300mA, Schottky, SOD523
ST
BAT54KFILM
40V, 250mA, Schottky, SOD523
Diode Inc
BAT64T5Q
COMPENSATING THE DIGITAL CONTROL LOOP
To improve the transient performance for a typical point-of-load design, it is common to add output
capacitance to the converter. This moves the output LC resonant frequency lower as capacitance increases
which results in lower bandwidth, lower phase margin, and longer settling times unless the control loop is
compensated for added capacitance.
However, with EM2130 the user does not need to be concerned with, or even understand, the details of
control loop compensation techniques. The default configuration allows users to select from
preconfigured PID control loop settings (known as compensators) through the use of pin-strapping. A
single resistor from the RTUNE pin to AGND informs the EM2130 of the compensator selection.
The selection of the compensator is driven first by the type of output capacitors used, as the ESL and ESR
of different capacitor types demands different PID coefficients to optimize transient deviation and recovery
characteristics. An all ceramic output capacitor design requires a different compensator than a design with
a combination of ceramic and polymer capacitors, i.e. POSCAP. Table 12 shows several output capacitor
part number recommendations.
The five different compensators can then be subdivided into groups of six each whereby the initial
capacitance value in the appropriate compensator can be scaled upwards by multiplication factor M to
match the additional capacitance.
12873
April 10, 2020
Rev I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com