Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVI-EM2COMIF Datasheet(PDF) 46 Page - Intel Corporation

Part # EVI-EM2COMIF
Description  Intel짰 Enpirion짰 Power Solutions EM2130x0xQI 30A PowerSoC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EVI-EM2COMIF Datasheet(HTML) 46 Page - Intel Corporation

Back Button EVI-EM2COMIF Datasheet HTML 38Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 39Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 40Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 41Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 42Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 43Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 44Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 45Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 46Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
Data Sheet | Intel Enpirion Power Solutions: EM2130
Where to Get More Information
For more information about Intel and Intel Enpirion PowerSoCs, visit https://www.altera.com/enpirion
© 2016 Intel Corporation. All rights reserved. Intel, the Intel logo, Altera, ARRIA, CYCLONE, ENPIRION, MAX, MEGACORE, NIOS, QUARTUS, and STRATIX words and logos are trademarks of Intel
Corporation or its subsidiaries in the U.S. and/or other countries. Other marks and brands may be claimed as the property of others. Intel reserves the right to make changes to any products and
services at any time without notice. Intel assumes no responsibility or liability arising out of the application or use of any information, product, or service described herein except as expressly agreed to
in writing by Intel. Intel customers are advised to obtain the latest version of device specifications before relying on any published information and before placing orders for products or services.
* Other marks and brands may be claimed as the property of others.
Page 46
Revision History
Rev
Date
Change(s)
A
23-Dec-16
Initial Release
B
21-Feb-17
Add RTune table for EM2130H
Delete PMBus Address Selection Without Resistors table (old table 15)
Delete old Table 12 and Figure 7, update the Output Capacitor
Recommendation section.
In pin description table, update the PVCC decoupling to “GND” instead of PGND.
C
10-May-17
Updated for new POK functionality.
D
31-May-17
Updated Package Dimension and POK description
E
27-Aug-17
Minor Drawing Updates
F
10-Nov-17
Updated POK description
Corrected some text errors
G
30-May-18
Updated POK description, PMBus Introduction and note on Watchdog Timer
H
03-Jul-18
Added the solder stencil options for 30% & 45% opening
I
20-Mar-20
Added information relating to SMBALERT, removed stencil option for 45%
opening
12873
April 10, 2020
Rev I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com