Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVI-EM2COMIF Datasheet(PDF) 20 Page - Intel Corporation

Part # EVI-EM2COMIF
Description  Intel짰 Enpirion짰 Power Solutions EM2130x0xQI 30A PowerSoC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EVI-EM2COMIF Datasheet(HTML) 20 Page - Intel Corporation

Back Button EVI-EM2COMIF Datasheet HTML 16Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 17Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 18Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 19Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 20Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 21Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 22Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 23Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Data Sheet | Intel Enpirion Power Solutions: EM2130
Page 20
Figure 6: Power Sequencing
POWER OK
The EM2130 has a power good indicator at its output pin, POK. When de-asserted, POK indicates that the
output voltage is below the threshold value, 90% of the programmed output voltage in the default
configuration. When asserted, POK indicates that the output is in regulation, and no major faults are
present. As a result, POK de-asserts during any serious fault condition where power conversion stops and
re-asserts when the output voltage recovers.
The POK indication can be either push-pull or open-drain, selected based upon the PMBus™ address. For
addresses in the range 0x01 to 0x40, the POK signal is a push-pull output and no pull-up resistor is
required. For addresses in the range 0x41 to 0x7F, the POK signal is open-drain and may be wire-OR’d with
other open drain signals with an appropriate pull-up resistor. The Pull-Up resistor may be connected to
the VDD33 pin but it is not recommended to use the 5VCC supply. Table 15 describes the resistor values
which are used to set the PMBus address.
In a noisy application, it is strongly recommended that a 100nf decoupling capacitor be placed between
the POK pin and GND to act as a filter to unwanted external noise. When configured as a Push-Pull
output, a 10kΩ pull-down resistor to Gnd may be used instead to prevent any spurious noise spikes
appearing on POK upon power being applied to the module.
12873
April 10, 2020
Rev I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com