Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVI-EM2COMIF Datasheet(PDF) 2 Page - Intel Corporation

Part # EVI-EM2COMIF
Description  Intel짰 Enpirion짰 Power Solutions EM2130x0xQI 30A PowerSoC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EVI-EM2COMIF Datasheet(HTML) 2 Page - Intel Corporation

  EVI-EM2COMIF Datasheet HTML 1Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 2Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 3Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 4Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 5Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 6Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 7Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 8Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
Data Sheet | Intel Enpirion Power Solutions: EM2130
Page 2
Ordering Information
Table 1
Part Number
Supported
VOUT Range
Package
Markings
Package Description
EM2130L02QI
0.7V to
1.325V
M2130L2
17 mm x 11 mm x 6.76 mm QFN104 provided in 112
units per tray
EM2130H01QI
1.35V to 3.6V
M2130H
17 mm x 11 mm x 6.76 mm QFN104 provided in 112
units per tray
EVB-EM2130L02
0.7V to
1.325V
Evaluation board; 30A single phase
EVB-EM2130H01
1.35V to 3.6V
Evaluation board; 30A single phase
EVI-EM2COMIF
GUI interface dongle
Packing and Marking Information: www.altera.com/support/reliability/packing/rel-packing-and-
marking.html
12873
April 10, 2020
Rev I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com