Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVI-EM2COMIF Datasheet(PDF) 39 Page - Intel Corporation

Part # EVI-EM2COMIF
Description  Intel짰 Enpirion짰 Power Solutions EM2130x0xQI 30A PowerSoC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EVI-EM2COMIF Datasheet(HTML) 39 Page - Intel Corporation

Back Button EVI-EM2COMIF Datasheet HTML 35Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 36Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 37Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 38Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 39Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 40Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 41Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 42Page - Intel Corporation EVI-EM2COMIF Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Data Sheet | Intel Enpirion Power Solutions: EM2130
Page 39
Figure 18: VIAs in The Power Pads
Recommendation 5: In order to better spread the current and the heat through the inner layers, arrays of
VIAs should be placed in the power pads. 10mils diameter is a good size for the plated in-pad VIAs. It is
critical that through VIAs should not be placed by any means elsewhere under the module; the non-pad
area around AGND is VIA keep out area.
Recommendation 6: All other signal and LDO decoupling capacitors should be placed as close as possible
to the terminal they are decoupling, while the AGND connection should be done through VIAs to the AGND
plane.
Figure 19: Backside Decoupling
All Signal Decoupling Go To The Bottom AGND Plane And Get Connected To The EM2130 Module
AGND Through The AGND In-PAD VIAs (Again, No Other VIAs Are Allowed In That Area)
Recommendation 7: Figure 20 also shows the 0Ω resistor that connects AGND to PGND. The
recommended connecting point, as shown, is to a quiet PGND  the output capacitors PGND.
Recommendation 8: Differential remote sense should be routed as much as possible as a differential pair,
on an inner layer, preferably shielded by a ground plane.
12873
April 10, 2020
Rev I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com