Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM-R2 Datasheet(PDF) 5 Page - SamHop Microelectronics Corp.

Part # SM-R2
Description  REMOTE CONTROLLER WITH FIVE FUNCTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM-R2 Datasheet(HTML) 5 Page - SamHop Microelectronics Corp.

  SM-R2 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Page 5
3. Encode/Decode Timing
(A)
Any function key
1st word
3rd word
2nd word
1
4
3
2
8
7
6
5
Decode output
Encode output
end code
9ms
9ms
(B)
SI
Decode output
••••••
8 msec
8 msec
1ms
(n) W1
T
T=17ms+(nW1)x1ms
V2.0 Mar 8,2002
SM-T2/SM-R2
REMOTE CONTROLLER
WITH FIVE FUNCTION
SAMHOP Microelectronics Corp.
三合微科股份有限公司



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com