Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM-R2 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # SM-R2
Description  REMOTE CONTROLLER WITH FIVE FUNCTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM-R2 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  SM-R2 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SM-T2/SM-R2
REMOTE CONTROLLER
WITH FIVE FUNCTION
Page 1
V2.0 Mar 8,2002
GENERAL DESCRIPTION
The SM-T2 / SM-R2 is a pair of CMOS
chip, it was designed for remote controlled
car applications.
The SM-T2 / SM-R2 has five control keys
for controlling the motions ( i.e. forward,
backward rightward, leftward and the turbo
function ) of the remote controller car.
FEATURES
* Power supply : 2.4V - 5.0V
* Low stand-by current
* Five functions control
* Auto-power-off function for SM-T2
* Few external components are needed
APPLICATION
* Remote control car etc.
SAMHOP Microelectronics Corp.
三合微科股份有限公司
PIN ASSIGNMENTS (TOP VIEW)
VO2
GND
SI
OSCI
OSCO
RIGHT
LEFT
RDB
VI2
VO1
VI1
VDD
TURBO
FORWARD
BACKWARD
LDB
RIGHTB
NC
GND
BACKWARDB
FORWARDB
TURBOB
SC
LEFTB
NC
OSCI
OSCO
PC
VDD
SO
SM-T2
SM-R2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9


Similar Part No. - SM-R2

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
SM-1 MICRONETICS-SM-1 Datasheet
241Kb / 1P
MINI-NOISE DIODES 10 KHZ TO 100 MHZ
logo
RF Monolithics, Inc
SM-10 RFM-SM-10 Datasheet
46Kb / 1P
10-Terminal Surface-Mount Case 13.7 X 9.4 mm Nominal Footprint
logo
Riedon Powertron
SM-10 RIEDON-SM-10 Datasheet
318Kb / 2P
Precision Wirewound Resistors
logo
FOTEK CONTROLS CO., LTD...
SM-10 FOTEK-SM-10 Datasheet
2Mb / 4P
DIN 24x48/72x72/96x48 Tachometer & Line speed meter
logo
Danley Sound Labs. All ...
SM-100F DANLEY-SM-100F Datasheet
297Kb / 2P
SYNERGY HORN FULL RANGE LOUDSPEAKERS
More results

Similar Description - SM-R2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCR02 UTC-RCR02 Datasheet
117Kb / 7P
Decoder For Remote Controller With Five Functions
logo
Silan Microelectronics ...
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCT2E UTC-RCT2E Datasheet
119Kb / 6P
ENCODER FOR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Silan Microelectronics ...
TX-2BS SILAN-TX-2BS Datasheet
843Kb / 12P
TOY CAR REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
Unisonic Technologies
RCR02 UTC-RCR02_15 Datasheet
123Kb / 7P
Decoder For Remote Controller With Five Functions
RCR2C UTC-RCR2C_15 Datasheet
215Kb / 8P
Decoder For Remote Controller With Five Functions
logo
SHENZHEN FUMAN ELECTRON...
FMRX2AM FUMAN-FMRX2AM Datasheet
183Kb / 3P
Five-function remote control receiving IC
FMRX2M FUMAN-FMRX2M Datasheet
182Kb / 3P
Five-function remote control receiving IC
SCTX2B FUMAN-SCTX2B Datasheet
269Kb / 7P
Five-function remote control IC
SCTX2CS FUMAN-SCTX2CS Datasheet
271Kb / 7P
Five-function remote control IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com