Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM-R2 Datasheet(PDF) 8 Page - SamHop Microelectronics Corp.

Part # SM-R2
Description  REMOTE CONTROLLER WITH FIVE FUNCTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM-R2 Datasheet(HTML) 8 Page - SamHop Microelectronics Corp.

  SM-R2 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Page 8
APPLICATION CIRCUIT
RX
R4
2.2M
C7
0.1
C8
470
C10
30
R6
2.2M
R7
2.2K
C11
1000
R8
200K
R21
1K
R22
1K
R5
2.2K
C9
0.1
µ
µ
R3
2.2K
C1
4
C2
47
L2
C6
18
L1
2.2
C3
3000
R1
1K
C4
4.7
C5
.02
R2
180K
V1
C1815
µ
µ
A1
C15
.01
C13
4.7
C12
100
C14
.01
VD1
4.2V
µ
µµ
µ
R12
510
C18
100
C19
.1
µµ
R20
100
V8
9013
R24
1K
R23
1K
M1
R16
100
V2
9013
R15
330
V3
8050
V4
8550
V9
8550
V5
8550
V6
8050
R18
330
R17
100
V7
9013
R11
10
M2
C6
.02 µ
µ
R10
4.3K
R25
1K
R19
330
R14
220
V10
9013
V15
8050
V14
8550
V13
8550
V12
8050
V11
9013
R9
330
R13
220
C17
.02 µ
12V
9V
V2.0 Mar 8,2002
SM-T2/SM-R2
REMOTE CONTROLLER
WITH FIVE FUNCTION
SAMHOP Microelectronics Corp.
三合微科股份有限公司



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com