Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM-R2 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # SM-R2
Description  REMOTE CONTROLLER WITH FIVE FUNCTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM-R2 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SM-R2 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4
1. Code Format
Encode Rule (Bit Format)
FUNCTION DESCRIPTION
2. Data Format
W2 W2 W2 W2 (n) x W1 W2 W2 W2 W2 (n) x W1 W2 W2 W2 W2
1KHz
W2
W1
1KHz 50% Duty cycle
500Hz 75% Duty cycle
W2
W2
W2
W2
14
3
2
W1 W1 W1 W1
14
3
2
W1
n-th
W2
W2
W2
W2
W1
start code
function code
1 word
••••••
No. of Function Code (n) W1
4
10
16
22
28
34
40
46
52
58
64
Function Key
Forward
Forward & Turbo
Turbo
Turbo & Forward & Left
Turbo & Forward & Right
Backward
Backward & Right
Backward & Left
Left
Right
Decode Result
End Code
Forward
Forward
Turbo
Forward & Left
Forward & Right
Backward
Backward & Right
Backward & Left
Left
Right
V2.0 Mar 8,2002
SM-T2/SM-R2
REMOTE CONTROLLER
WITH FIVE FUNCTION
SAMHOP Microelectronics Corp.
三合微科股份有限公司



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com