Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM-R2 Datasheet(PDF) 7 Page - SamHop Microelectronics Corp.

Part # SM-R2
Description  REMOTE CONTROLLER WITH FIVE FUNCTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM-R2 Datasheet(HTML) 7 Page - SamHop Microelectronics Corp.

  SM-R2 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Page 7
APPLICATION CIRCUIT
TX2
S1
S2 S3
S4
C7
68
R6
100
V2
9014
R3
220K
CR1
27.145
L1
2.2
µ
C9
68
C7
68
R5
33
K
C8
.02µ
R4
6.8K
R1
100
C6
0.2
µ
R2
4.7K
R10
1K
V3
LED
R12
10M
C11
4.7
C12
.01
POWER
OFF
R7
200K
S6
S5
µ
µ
V7
4148
R9
330
V4
4.7V
V1
9014
R11
10M
B1
9V
V5
8550
L2
2.2
µ
V6
9013
R8
3.9K
C4
150
L3
L4
6.8
µ
A1
ANTENNA
L4
6.8
L4
6.8
C1
100
C2
150
V2.0 Mar 8,2002
SM-T2/SM-R2
REMOTE CONTROLLER
WITH FIVE FUNCTION
SAMHOP Microelectronics Corp.
三合微科股份有限公司



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com