Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM-R2 Datasheet(PDF) 6 Page - SamHop Microelectronics Corp.

Part # SM-R2
Description  REMOTE CONTROLLER WITH FIVE FUNCTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM-R2 Datasheet(HTML) 6 Page - SamHop Microelectronics Corp.

  SM-R2 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM-R2 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Page 6
ABSOLUTE MAXIMUM RATINGS
Parameter
DC Supply Voltage
Input/Output Voltage
Operating temperature
Storage Temperature
Symbol
VDD
VIN
Topt
Tstg
COMMENTS
Never allow a stress to exceed the values listed under "Absolute Maximum Ratings", other
-wise the device would suffer from a permanent damage. Nor is a stress since an
extended exposure to the absolute maximum rating condition may also affect the reliability
of the device, if not causing a damage thereof.
Unit
V
V
oC
oC
Ratings
5
GND-0.3 to VSS +0.3
-10~60
-25~125
DC ELECTRICAL CHARACTERISTICS
Parameter
Operating Voltage
Operating Current
Stand-by Current
DC O/P Driving Current
AC O/P Driving Current
AC O/P Frequency
Symbol
VDD
Idd
Istb
Idrive
Idrive
Faudio
Unit
V
mA
mA
mA
mA
Hz
µ
Min.
3
─
─
5
5
500
Typ.
4
─
─
─
─
─
Max.
5
2
10
─
─
1K
TX2 (VDD=4.5V, Fosc=128KHz, TA=25oC, unless otherwise specified.
RX2 (VDD=4.0V, Fosc=128KHz, TA=25oC, unless otherwise specified.
Parameter
Operating Voltage
Operating Current
O/P Driving Current
O/P Sinking Current
Effect Decoding Frequency
Variation
Symbol
VDD
Idd
Idrive
Isink
Ftolerance
Min.
3
─
1
1
-20
Typ.
4
─
─
─
─
Max.
5
2
─
─
20
Unit
V
mA
mA
mA
%
V2.0 Mar 8,2002
SM-T2/SM-R2
REMOTE CONTROLLER
WITH FIVE FUNCTION
SAMHOP Microelectronics Corp.
三合微科股份有限公司



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com