Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR4 Datasheet(PDF) 2 Page - Transcend Information. Inc.

Part # DDR4
Description  DRAM Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

DDR4 Datasheet(HTML) 2 Page - Transcend Information. Inc.

  DDR4 Datasheet HTML 1Page - Transcend Information. Inc. DDR4 Datasheet HTML 2Page - Transcend Information. Inc. DDR4 Datasheet HTML 3Page - Transcend Information. Inc. DDR4 Datasheet HTML 4Page - Transcend Information. Inc. DDR4 Datasheet HTML 5Page - Transcend Information. Inc. DDR4 Datasheet HTML 6Page - Transcend Information. Inc. DDR4 Datasheet HTML 7Page - Transcend Information. Inc. DDR4 Datasheet HTML 8Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Capacity Component
Composition Rank x Org.
Standard
(1.2V)
Wide Temp.
(-40°C~ 85°C)
Very Low Pro le
(VLP)
8GB
8GB
8GB
16GB
16GB
16GB
16GB
32GB
32GB
(1Gx8)x8
(1Gx8)x8
(1Gx8)x8
(1Gx8)x16
(1Gx8)x16
(1Gx8)x16
(2Gx8)x8
(2Gx8)x16
(2Gx8)x16
1Rx8
1Rx8
1Rx8
2Rx8
2Rx8
2Rx8
1Rx8
2Rx8
2Rx8
TS1GLH64V2B
TS1GLH64V2B2
TS1GLH64V2B-G
TS2GLH64V2B
TS2GLH64V2B2
TS2GLH64V2B-G
TS2GLH64V2E
TS4GLH64V2E
TS4GLH64V2E-G
-
-
-
-
-
-
-
-
-
DDR4-3200 Long-DIMM
Ordering Information
Module Type
DDR4
Long-DIMM
SO-DIMM
Product Image
Standard
JEDEC
Frequency
3200/2666/2400/2133 MHz
Capacity
2GB~32GB
Voltage
1.2V
Pin Count
Long-DIMM: 288 pin
SO-DIMM: 260 pin
PCB Height
Standard: 1.23 inches
Very Low Profile: 0.74 inches
1.18 inches
Operating Temperature
Standard Temperature: 0°C~ 85°C
Wide Temperature: -40°C~ 85°C
DDR4 Unbu ered DIMMs
Capacity Component
Composition Rank x Org.
Standard
(1.2V)
Wide Temp.
(-40°C~ 85°C)
Very Low Pro le
(VLP)
8GB
8GB
16GB
16GB
16GB
16GB
32GB
32GB
(1Gx8)x8
(1Gx8)x8
(1Gx8)x16
(1Gx8)x16
(1Gx8)x16
(2Gx8)x8
(1Gx8)x16
(1Gx8)x16
1Rx8
1Rx8
2Rx8
2Rx8
2Rx8
1Rx8
2Rx8
2Rx8
TS1GSH64V2B2
TS1GSH64V2B-G
TS2GGSH64V2B
TS2GSH64V2B2
TS2GSH64V2B-G
TS2GSH64V2E
TS4GSH64V2E
TS4GSH64V2E-G
-
-
TS2GGSH64V2B-I
-
-
-
-
-
-
-
-
-
-
-
-
-
DDR4-3200 SO-DIMM
-
-
-
-
-
-
-
-
-
© Transcend Information, Inc. All Rights Reserved.
www.transcend-info.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com