Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR4 Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # DDR4
Description  DRAM Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

DDR4 Datasheet(HTML) 1 Page - Transcend Information. Inc.

  DDR4 Datasheet HTML 1Page - Transcend Information. Inc. DDR4 Datasheet HTML 2Page - Transcend Information. Inc. DDR4 Datasheet HTML 3Page - Transcend Information. Inc. DDR4 Datasheet HTML 4Page - Transcend Information. Inc. DDR4 Datasheet HTML 5Page - Transcend Information. Inc. DDR4 Datasheet HTML 6Page - Transcend Information. Inc. DDR4 Datasheet HTML 7Page - Transcend Information. Inc. DDR4 Datasheet HTML 8Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Embedded Solutions
JEDEC standard 1.2V ± 0.06V power supply
High energy eciency
8 bit pre-fetch
Burst Length: 4, 8
16 Banks (4 Bank Groups)
Support DBI mode
Support Command/Address parity detection
Support Data Cyclic Redundancy Check (CRC) for improved data
reliability
On-die termination with ODT pin
Serial presence detect with EEPROM
100% tested for stability, compatibility and performance
•
•
•
•
•
•
•
•
•
•
•
Features
DRAM Modules
DDR4
Advanced Technologies
Transcend's DDR4 DRAM modules operate at a nominal voltage of just 1.2V, o ering higher energy eciency and
exceptional clock speeds to cater to the demands of the embedded industry. The modules are available in multiple
form factors and technologies, such as ECC and wide-temperature support. All components are of the highest
quality, having been sourced directly from the world's rst-tier supplier of DRAM chips and stringently tested for
unparalleled compatibility, reliability, and performance.
SO
2
Anti-Sulfur
Technology
30 µ
Gold Finger
Wide
Temperature
Conformal
Coating
Corner Bond &
Under ll
30μ”
© Transcend Information, Inc. All Rights Reserved.
www.transcend-info.com


Similar Part No. - DDR4

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
DDR4 SO-DIMM AXIOMTEK-DDR4 SO-DIMM Datasheet
394Kb / 2P
Intel® Smart Display Module Large (Intel® SDM-L) with 13th/12th Gen Intel® Core™ i7/i5/i3
Mar. 20, 2025.
DDR4 SO-DIMM AXIOMTEK-DDR4 SO-DIMM Datasheet
347Kb / 2P
Fanless Edge AI Computer Vision System with Hailo-8™ AI Accelerator, HDMI, GbE LAN, USB 3.2, DIO, and Wi-Fi/Bluetooth/5G Wireless Connection
Jul. 13, 2023.
logo
ADL Embedded Solutions
DDR4--2133-16GB ADL-DDR4--2133-16GB Datasheet
613Kb / 2P
120mm x 120mm Stackable SBC 120mm x 120mm Stackable SBC
DDR4--2133-16GB ADL-DDR4--2133-16GB Datasheet
938Kb / 2P
Mobile Telephony
logo
List of Unclassifed Man...
DDR4-1600 ETC2-DDR4-1600 Datasheet
716Kb / 48P
Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
More results

Similar Description - DDR4

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC16M4A7 MICRON-MT4LC16M4A7 Datasheet
350Kb / 20P
DRAM
MT4LC4M16F5 MICRON-MT4LC4M16F5 Datasheet
339Kb / 19P
DRAM
MT4LC4M16R6-1 MICRON-MT4LC4M16R6-1 Datasheet
413Kb / 24P
DRAM
MT4LC4M16R6 MICRON-MT4LC4M16R6 Datasheet
474Kb / 24P
DRAM
MT4LC4M4B1 MICRON-MT4LC4M4B1 Datasheet
360Kb / 20P
DRAM
MT4LC8M8E1 MICRON-MT4LC8M8E1 Datasheet
382Kb / 20P
DRAM
MT4LC8M8P4 MICRON-MT4LC8M8P4 Datasheet
397Kb / 22P
DRAM
MT8D132 MICRON-MT8D132 Datasheet
1Mb / 23P
1 MEG, 2 MEG x 32 DRAM MODULES
logo
ACCUTEK MICROCIRCUIT CO...
AK54256Z ACCUTEK-AK54256Z_09 Datasheet
81Kb / 2P
DRAM Zip Adapter Modules
logo
Transcend Information. ...
DDR3 TRANSCEND-DDR3 Datasheet
417Kb / 7P
DRAM Modules
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com