Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR4 Datasheet(PDF) 4 Page - Transcend Information. Inc.

Part # DDR4
Description  DRAM Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

DDR4 Datasheet(HTML) 4 Page - Transcend Information. Inc.

  DDR4 Datasheet HTML 1Page - Transcend Information. Inc. DDR4 Datasheet HTML 2Page - Transcend Information. Inc. DDR4 Datasheet HTML 3Page - Transcend Information. Inc. DDR4 Datasheet HTML 4Page - Transcend Information. Inc. DDR4 Datasheet HTML 5Page - Transcend Information. Inc. DDR4 Datasheet HTML 6Page - Transcend Information. Inc. DDR4 Datasheet HTML 7Page - Transcend Information. Inc. DDR4 Datasheet HTML 8Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Capacity Component
Composition Rank x Org.
Standard
(1.2V)
Wide Temp.
(-40°C~ 85°C)
Very Low Pro le
(VLP)
4GB
(512Mx8)x8
1Rx8TS512MLH64V1H
-
-
8GB
(512Mx8)x16
2Rx8TS1GLH64V1H
-
TS1GLH64V1HL
16GB
(1Gx8)x16
2Rx8TS2GLH64V1B
-
-
Capacity Component
Composition Rank x Org.
Standard
(1.2V)
Wide Temp.
(-40°C~ 85°C)
4GB
(512Mx8)x8
1Rx8TS512MSH64V1H
TS512MSH64V1H-I
8GB
(512Mx8)x16
2Rx8TS1GSH64V1H
TS1GSH64V1H-I
16GB
(1Gx8)x16
2Rx8TS2GSH64V1B
TS2GSH64V1B-I
DDR4-2133 Long-DIMM
DDR4-2133 SO-DIMM
© Transcend Information, Inc. All Rights Reserved.
www.transcend-info.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com