Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR4 Datasheet(PDF) 8 Page - Transcend Information. Inc.

Part # DDR4
Description  DRAM Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

DDR4 Datasheet(HTML) 8 Page - Transcend Information. Inc.

  DDR4 Datasheet HTML 1Page - Transcend Information. Inc. DDR4 Datasheet HTML 2Page - Transcend Information. Inc. DDR4 Datasheet HTML 3Page - Transcend Information. Inc. DDR4 Datasheet HTML 4Page - Transcend Information. Inc. DDR4 Datasheet HTML 5Page - Transcend Information. Inc. DDR4 Datasheet HTML 6Page - Transcend Information. Inc. DDR4 Datasheet HTML 7Page - Transcend Information. Inc. DDR4 Datasheet HTML 8Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Product specications are subject to change without notice. Pictures shown may di er from actual products. Due to the complexity and variety of industrial applications, Transcend cannot
guarantee 100% compatibility with all platforms and under all scenarios. For special applications and environments, it is strongly suggested that you contact Transcend beforehand for clarication.
Tel: +886-2-2792-8000
www.transcend-info.com
Please feel free to contact us with any special requests you might have.
DDR4-2133 Registered DIMM
Capacity
Component
Composition
Rank x Org.
Standard
(1.2V)
Very Low Pro le
(VLP)
4GB
(512Mx8)x9
1Rx8
TS512MHR72V1H
-
8GB
(512Mx8)x18
2Rx8
TS1GHR72V1H
TS1GHR72V1HL
16GB
(1Gx8)x18
2Rx8
TS2GHR72V1B
TS2GHR72V1BL
32GB
(2Gx4)x36
2Rx4
TS4GHR72V1C
-
DDR4-2400 Registered DIMM
Capacity
Component
Composition
Rank x Org.
Standard
(1.2V)
Very Low Pro le
(VLP)
4GB
(512Mx8)x9
1Rx8
TS512MHR72V4H
-
8GB
(512Mx8)x18
2Rx8
TS1GHR72V4H
TS1GHR72V4HL
8GB
(1Gx8)x9
1Rx8
TS1GHR72V4B
-
16GB
(1Gx8)x18
2Rx8
TS2GHR72V4B
TS2GHR72V4BL
32GB
(2Gx4)x36
2Rx4
TS4GHR72V4C
-
DDR4-2666 Registered DIMM
Capacity
Component
Composition
Rank x Org.
Standard
(1.2V)
Very Low Pro le
(VLP)
4GB
(512Mx8)x9
1Rx8
TS512MHR72V6H
-
TS1GHR72V6HL
8GB
(512Mx8)x18
2Rx8
TS1GHR72V6H
8GB
(1Gx8)x9
1Rx8
TS1GHR72V6B
-
16GB
(1Gx8)x18
2Rx8
TS2GHR72V6B
TS2GHR72V6BL
32GB
(2Gx4)x36
2Rx4
TS4GHR72V6C
-
32GB
(2Gx8)x18
2Rx8
TS4GHR72V6E
TS4GHR72V6EL
32GB
(2Gx8)x18
2Rx8
TS4GHR72V6E2
© Transcend Information, Inc. All Rights Reserved.
www.transcend-info.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com