Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR4 Datasheet(PDF) 3 Page - Transcend Information. Inc.

Part # DDR4
Description  DRAM Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

DDR4 Datasheet(HTML) 3 Page - Transcend Information. Inc.

  DDR4 Datasheet HTML 1Page - Transcend Information. Inc. DDR4 Datasheet HTML 2Page - Transcend Information. Inc. DDR4 Datasheet HTML 3Page - Transcend Information. Inc. DDR4 Datasheet HTML 4Page - Transcend Information. Inc. DDR4 Datasheet HTML 5Page - Transcend Information. Inc. DDR4 Datasheet HTML 6Page - Transcend Information. Inc. DDR4 Datasheet HTML 7Page - Transcend Information. Inc. DDR4 Datasheet HTML 8Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Capacity Component
Composition Rank x Org.
Standard
(1.2V)
Wide Temp.
(-40°C~ 85°C)
Very Low Pro le
(VLP)
2GB
(256Mx16)x4
1Rx16
TS256MLH64V6X
-
-
TS256MLH64V6XL
4GB
(512Mx16)x4
1Rx16
TS512MLH64V6D
-
4GB
(512Mx8)x8
1Rx8TS512MLH64V6H
-
TS512MLH64V6HL
8GB
(1Gx8)x8
1Rx8TS1GLH64V6B
TS1GLH64V6B-I
TS1GLH64V6BL
16GB
(1Gx8)x16
2Rx
S2GLH64V6B
TS2GLH64V6B-I
TS2GLH64V6BL
8T
32GB
32GB
(2Gx8)x16
(2Gx8)x16
2Rx8
2Rx8
TS4GLH64V6E
TS4GLH64V6E2
TS4GLH64V6E-I
-
TS4GLH64V6EL
-
Capacity Component
Composition Rank x Org.
Standard
(1.2V)
Wide Temp.
(-40°C~ 85°C)
2GB
(256Mx16)x4
1Rx16
TS256MSH64V6X
-
4GB
(512Mx16)x4
1Rx16
TS512MSH64V6D
-
4GB
(512Mx8)x8
1Rx8TS512MSH64V6H
TS512MSH64V6H-I
8GB
(512Mx8)x16
2Rx8TS1GSH64V6H
-
8GB
(1Gx8)x8
1Rx8TS1GSH64V6B
TS1GSH64V6B-I
16GB
(1Gx8)x16
2Rx8TS2GSH64V6B
TS2GSH64V6B-I
32GB
(2Gx8)x16
2Rx8TS4GSH64V6E
TS4GSH64V6E-I
-
DDR4-2666 Long-DIMM
DDR4-2666 SO-DIMM
© Transcend Information, Inc. All Rights Reserved.
www.transcend-info.com
DDR4-2400 Long-DIMM
Capacity Component
Composition Rank x Org.
Standard
(1.2V)
Wide Temp.
(-40°C~ 85°C)
Very Low Pro le
(VLP)
4GB
(512Mx8)x8
1Rx8
TS512MLH64V4H
-
TS512MLH64V4HL
8GB
(512Mx8)x16
2Rx8
TS1GLH64V4H
-
-
8GB
(1Gx8)x8
1Rx8
TS1GLH64V4B
TS1GLH64V4B-I
-
16GB
(1Gx8)x16
2Rx8
TS2GLH64V4B
-
TS2GLH64V4BL
Capacity Component
Composition Rank x Org.
Standard
(1.2V)
Wide Temp.
(-40°C~ 85°C)
2GB
(256Mx16)x4
1Rx16
TS256MSH64V4X
-
4GB
(512Mx16)x4
1Rx16
TS512MSH64V4D
-
4GB
(512Mx8)x8
1Rx8
TS512MSH64V4H
TS512MSH64V4H-I
8GB
(512Mx8)x16
2Rx8
TS1GSH64V4H
-
8GB
(1Gx8)x8
1Rx8
TS1GSH64V4B
TS1GSH64V4B-I
16GB
(1Gx8)x16
2Rx8
TS2GSH64V4B
TS2GSH64V4B-I
DDR4-2400 SO-DIMM
8GB
(1Gx8)x8
1Rx8TS1GLH64V6B2
-
-
16GB
(1Gx8)x16
2Rx8
TS2GLH64V6B2
-
-
8GB
(1Gx8)x8
1Rx8TS1GSH64V6B2
-
16GB
(1Gx8)x16
2Rx8TS2GSH64V6B2
-
32GB
(2Gx8)x16
2Rx8
TS4GSH64V6E2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com