Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDR4 Datasheet(PDF) 5 Page - Transcend Information. Inc.

Part # DDR4
Description  DRAM Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

DDR4 Datasheet(HTML) 5 Page - Transcend Information. Inc.

  DDR4 Datasheet HTML 1Page - Transcend Information. Inc. DDR4 Datasheet HTML 2Page - Transcend Information. Inc. DDR4 Datasheet HTML 3Page - Transcend Information. Inc. DDR4 Datasheet HTML 4Page - Transcend Information. Inc. DDR4 Datasheet HTML 5Page - Transcend Information. Inc. DDR4 Datasheet HTML 6Page - Transcend Information. Inc. DDR4 Datasheet HTML 7Page - Transcend Information. Inc. DDR4 Datasheet HTML 8Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DDR4 ECC DIMMs
Ordering Information
Capacity Component
Composition Rank x Org.
Standard
(1.2V)
Wide Temp.
(-40°C~ 85°C)
Very Low Pro le
(VLP)
8GB
16GB
32GB
(1Gx8)x9
(1Gx8)x18
(2Gx8)x18
1Rx8
2Rx8
2Rx8
-
TS2GLH72V2B-I
-
TS1GLH72V2B
TS2GLH72V2B
TS4GLH72V2E
DDR4-3200 ECC Long-DIMM
Module Type
DDR4
ECC Long-DIMM
ECC SO-DIMM
Product Image
Standard
JEDEC
Frequency
3200/2666/2400/2133 MHz
Capacity
4GB~32GB
Voltage
1.2V
Pin Count
ECC Long-DIMM: 288 pin
ECC SO-DIMM: 260 pin
PCB Height
Standard: 1.23 inches
Very Low Profile: 0.74 inches
1.18 inches
PCB Gold Finger Thickness
30”
Anti-Sulfuration
Default
Operating Temperature
Standard Temperature: 0°C~ 85°C
Wide Temperature: -40°C~ 85°C
Capacity Component
Composition Rank x Org.
Standard
(1.2V)
Wide Temp.
(-40°C~ 85°C)
Very Low Pro le
(VLP)
4GB
(512Mx8)x9
1Rx8TS512MLH72V6H
TS512MLH72V6H-I
TS512MLH72V6HL
8GB
(1Gx8)x9
1Rx8TS1GLH72V6B
TS1GLH72V6B-I
TS1GLH72V6BL
16GB
(1Gx8)x18
2Rx8TS2GLH72V6B
TS2GLH72V6B-I
TS2GLH72V6BL
32GB
32GB
(2Gx8)x18
(2Gx8)x18
2Rx8
2Rx8
TS4GLH72V6E
TS4GLH72V6E2
TS4GLH72V6E-I
-
TS4GLH72V6EL
-
DDR4-2666 ECC Long-DIMM
-
-
-
Capacity Component
Composition Rank x Org.
Standard
(1.2V)
Wide Temp.
(-40°C~ 85°C)
Very Low Pro le
(VLP)
8GB
16GB
32GB
(1Gx8)x9
(1Gx8)x18
(2Gx8)x18
1Rx8
2Rx8
2Rx8
-
-
-
TS1GSH72V2B
TS2GSH72V2B
TS4GSH72V2E
DDR4-3200 ECC SO-DIMM
-
-
-
© Transcend Information, Inc. All Rights Reserved.
www.transcend-info.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com