Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP173WF4 Datasheet(PDF) 4 Page - LG Semicon Co.,Ltd.

Part # LP173WF4
Description  17.3??FHD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WF4 Datasheet(HTML) 4 Page - LG Semicon Co.,Ltd.

  LP173WF4 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Product Specification
LP173WF4
Liquid Crystal Display
Ver. 0.0
Oct. 15, 2013
4 / 31
1. General Description
General Features
Active Screen Size
17.3 inches diagonal
Outline Dimension
399.5(H) × 241.95(V) × 4.0(D,Max.) [mm] (w/o PCB)
Pixel Pitch
0.198.9mm × 0.198.9 mm
Pixel Format
1920 horiz. By 1080 vert. Pixels RGB strip arrangement
Color Depth
6-bit, 262,144 colors
Luminance, White
300 cd/m2 (Typ.5 point)
Power Consumption
Total 6.8 (Typ.) Logic :1.1W@ Mosaic, B/L : 5.7W@ VLED 12V
Weight
550g (Max.)
Display Operating Mode
AH-IPS, Normally Black
Surface Treatment
Anti Glare treatment of the front polarizer
RoHS Compliance
Yes
BFR / PVC / As Free
Yes for all
The LP173WF4 is a Color Active Matrix Liquid Crystal Display with an integral LED backlight system. The
matrix employs a-Si Thin Film Transistor as the active element. It is a transmissive type display operating in
the normally white mode. This TFT-LCD has 12.5inches diagonally measured active display area with HD
resolution(1366 horizontal by 768 vertical pixel array). Each pixel is divided into Red, Green and Blue sub-
pixels or dots which are arranged in vertical stripes. Gray scale or the brightness of the sub-pixel color is
determined with a 6-bit gray scale signal for each dot, thus, presenting a palette of more than 262,144 colors.
The LP173WF4 has been designed to apply the interface method that enables low power, high speed, low
EMI.
The LP173WF4 is intended to support applications where thin thickness, low power are critical factors and
graphic displays are important. In combination with the vertical arrangement of the sub-pixels, the LP173WF4
characteristics provide an excellent flat display for office automation products such as Notebook PC.
`
Control & Data
Power
EDID signal & Power
TFT-LCD Panel
(HD,AH-IPS)
1
Timing Control
(Tcon) Block
30
LED Backlight Ass’y
TCLKs
eDP
2 Lane
VCC
LED Driver
Block
FB1~6
EEPROM Block
for Tcon & EDID
Power
Block
DVCC, AVDD
VGH, VGL, GMA
GSP,GSC,GOE
VOUT_LED
DVCC
VLED
LED_EN
PWM
1080
1920
Source Driver Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com