Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP173WF4 Datasheet(PDF) 13 Page - LG Semicon Co.,Ltd.

Part # LP173WF4
Description  17.3??FHD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WF4 Datasheet(HTML) 13 Page - LG Semicon Co.,Ltd.

Back Button LP173WF4 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 17Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
Product Specification
LP173WF4
Liquid Crystal Display
Ver. 0.0
Oct. 15, 2013
13 / 31
4. Optical Specification
FIG. 1 Optical Characteristic Measurement Equipment and Method
Table 8. OPTICAL CHARACTERISTICS
Ta=25
C, VCC=3.3V, fV=60Hz
LCD Module
Optical Stage(x,y)
Pritchard 880 or
equivalent
50cm
Optical characteristics are determined after the unit has been
‘ON’ and stable for approximately 30 minutes in
a dark environment at 25C. The values specified are at an approximate distance 50cm from the LCD surface
at a viewing angle of and equal to 0.
FIG. 1 presents additional information concerning the measurement equipment and method.
Parameter
Symbol
Values
Units
Notes
Min
Typ
Max
Contrast Ratio
CR
500
600
-
1
Surface Luminance, white
L
WH
255
300
-
cd/m2
2
Luminance Variation
WHITE
-
1.4
1.6
3
Response Time
Tr
R+ TrD
-
25
30
ms
4
Color Coordinates
RED
RX
TBD
TBD
TBD
RY
TBD
TBD
TBD
GREEN
GX
TBD
TBD
TBD
GY
TBD
TBD
TBD
BLUE
BX
TBD
TBD
TBD
BY
TBD
TBD
TBD
WHITE
WX
0.283
0.313
0.343
WY
0.299
0.329
0.359
Viewing Angle
5
x axis, right(
=0)
r
80
-
-
degree
x axis, left (
=180)
l
80
-
-
degree
y axis, up (
=90)
u
80
-
-
degree
y axis, down (
=270)
d
80
-
-
degree
Color Gamut
C/G
-
72
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com