Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP173WF4 Datasheet(PDF) 6 Page - LG Semicon Co.,Ltd.

Part # LP173WF4
Description  17.3??FHD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WF4 Datasheet(HTML) 6 Page - LG Semicon Co.,Ltd.

Back Button LP173WF4 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 10Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Product Specification
LP173WF4
Liquid Crystal Display
Ver. 0.0
Oct. 15, 2013
6 / 31
3. Electrical Specifications
3-1. Electrical Characteristics
Table 2. ELECTRICAL CHARACTERISTICS
The LP173WF4 requires two power inputs. One is employed to power the LCD electronics and to drive the
TFT array and liquid crystal. The second input which powers the LED BL.
Parameter
Symbol
Values
Unit
Notes
Min
Typ
Max
LOGIC :
Power Supply Input Voltage
VCC
3.0
3.3
3.6
V
1
Power Supply Input Current
Mosaic
ICC
-
334
394
mA
2
Power Consumption
PCC
-
1.1
1.3
W
3
Power Supply Inrush Current
ICC_P
-
1500
mA
4
eDP Impedance
ZLVDS
90
100
110
Ω
4
BACKLIGHT : ( with LED Driver)
LED Power Input Voltage
VLED
5.5
12.0
21.0
V
6
LED Power Input Current
ILED
-
475
500
mA
7
LED Power Consumption
PLED
-
5.7
6.0
W
7
LED Power Inrush Current
ILED_P
-
2000
mA
8
PWM Duty Ratio
5
-
100
%
9
PWM Jitter
-
0
-
0.2
%
10
PWM Impedance
ZPWM
20
40
60
kΩ
PWM Frequency
FPWM
200
-
1000
Hz
11
PWM High Level Voltage
V
PWM_H
2.2
-
5.3
V
PWM Low Level Voltage
V
PWM_L
0
-
0.3
V
LED_EN Impedance
ZPWM
20
40
60
kΩ
LED_EN High Voltage
VLED_EN_H
2.2
-
5.3
V
LED_EN Low Voltage
VLED_EN_L
0
-
0.3
V
Life Time
12,000
-
-
Hrs
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com