Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP173WF4 Datasheet(PDF) 9 Page - LG Semicon Co.,Ltd.

Part # LP173WF4
Description  17.3??FHD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WF4 Datasheet(HTML) 9 Page - LG Semicon Co.,Ltd.

Back Button LP173WF4 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 12Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 13Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Product Specification
LP173WF4
Liquid Crystal Display
Ver. 0.0
Oct. 15, 2013
9 / 31
Description
Symbol
Min
Typ
Max
Unit
Notes
Unit Interval for high bit rate
(2.7Gbps/lane)
UI_High_Rate
-
370
-
ps
Range is nominal ±350ppm.
DisplayPort Link Rx does not
require local crystal for link
clock generation
Unit Interval for high bit rate
(1.62Gbps/lane)
UI_Low_Rate
-
617
-
ps
Lane-to-Lane skew
V Rx-SKEW-
INTER_PAIR
-
-
5200
ps
-
Lane intra-pair skew
V Rx-SKEW-
INTRA_PAIR
-
-
100
ps
For high bit rate
-
-
300
ps
For reduced bit rate
Description
Symbol
Min
Max
Unit
Notes
Differential peak-to-peak Input voltage
VDIFF p-p
120
-
mV
For high bit rate
40
-
For reduced bit rate
Rx DC common mode voltage
VCM
0
2.0
V
-
3-3-1. DC Specification
3-3-2. AC Specification
3-3. eDP Signal Timing Specifications
The VESA Display Port related AC specification is compliant with the VESA Display Port Standard.
The VESA Display Port related AC specification is compliant with the VESA Display Port Standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com