Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP173WF4 Datasheet(PDF) 8 Page - LG Semicon Co.,Ltd.

Part # LP173WF4
Description  17.3??FHD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WF4 Datasheet(HTML) 8 Page - LG Semicon Co.,Ltd.

Back Button LP173WF4 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 12Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Product Specification
LP173WF4
Liquid Crystal Display
Ver. 0.0
Oct. 15, 2013
8 / 31
3-2. Interface Connections
Table 3. MODULE CONNECTOR PIN CONFIGURATION (CN1)
This LCD employs two interface connections, a 30 pin connector used for the module electronics interface and
the other connector used for the integral backlight system.
The electronics interface connector is a model CABLINE-
VS RECE ASS’Y.
Pin
Symbol
Description
Notes
1
NC
No Connection
[Connector]
TBD
[Connector pin arrangement]
[EDID & LGD P-Vcom Share pin]
1. Pin for P-Vcom : #24, #25
2. P-Vcom Address : 01010000
2
GND
High Speed Ground
3
Lane1_N
Signal Link Negative Lane1
4
Lane1_P
Signal Link Positive Lane1
5
GND
High Speed Ground
6
Lane0_N
Signal Link Negative Lane0
7
Lane0_P
Signal Link Positive Lane0
8
GND
High Speed Ground
9
AUX_P
Signal Auxiliary Positive Ch.
10
AUX_N
Signal Auxiliary Negative Ch.
11
GND
High Speed Ground
12
VCC
LCD Logic and driver power (3.3V Typ.)
13
VCC
LCD Logic and driver power (3.3V Typ.)
14
NC
No Connection
15
GND
High Speed Ground
16
GND
High Speed Ground
17
HPD
Hot plug Detection Pin
18
GND
High Speed Ground
19
GND
High Speed Ground
20
GND
High Speed Ground
21
GND
High Speed Ground
22
LED_EN
LED Backlight On/Off
23
PWM
System PWM Signal input for dimming
24
NC
No Connection
25
NC
No Connection
26
VLED
LED Backlight Power (5.5V-21V)
27
VLED
LED Backlight Power (5.5V-21V)
28
VLED
LED Backlight Power (5.5V-21V)
29
VLED
LED Backlight Power (5.5V-21V)
30
NC
No Connection
1
30
[LCD Module Rear View]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com