Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP173WF4 Datasheet(PDF) 21 Page - LG Semicon Co.,Ltd.

Part # LP173WF4
Description  17.3??FHD TFT LCD
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP173WF4 Datasheet(HTML) 21 Page - LG Semicon Co.,Ltd.

Back Button LP173WF4 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LP173WF4 Datasheet HTML 25Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Product Specification
LP173WF4
Liquid Crystal Display
Ver. 0.0
Oct. 15, 2013
21 / 31
LGD Proposal for system cover design.(Appendix)
5
Check the rib or Bracket on back cover
Define
1.It is necessary that the height of back cover rib or bracket is higher than
LCM height. It can prevent direct compression of panel at LCM edge.
2.”ㄱ” shape bracket is stronger than “I” shape one.
6
Check the gap between front cover and LCM(glass)
Define
1. Ripple can be happened by little gap between glass and front cover.
Back cover
LCM
Rib
OK
Back cover
LCM
NG
Back cover
LCM
Bracket
OK
Back cover
LCM
CO
Back cover
LCM
Front cover
a
[OK] a
≥ 0.3mm
[CO] 0.3mm
≥ a ≥ 0.1mm
[NG] a
≤ 0.1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com