Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP441ACEZ-R0 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # INMP441ACEZ-R0
Description  Omnidirectional Microphone with Bottom Port and I2S Digital Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INMP441ACEZ-R0 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button INMP441ACEZ-R0 Datasheet HTML 7Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 8Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 9Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 10Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 11Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 12Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 13Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 14Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
INMP441
I²S DATA INTERFACE
The slave serial-data port’s format is I²S, 24-bit, twos complement. There must be 64 SCK cycles in each WS stereo frame, or 32 SCK
cycles per data-word. The L/R control pin determines whether the INMP441 outputs data in the left or right channel. For a stereo
application, the SD pins of the left and right INMP441 microphones should be tied together as shown in Figure 7. The format of a
stereo I²S data stream is shown in Figure 8. Figures 9 and 10 show the formats of a mono microphone data stream for left and right
microphones, respectively.
Data Output Mode
The output data pin (SD) is tri-stated when it is not actively driving I²S output data. SD immediately tri-states after the LSB is output
so that another microphone can drive the common data line.
The SD trace should have a pull-down resistor to discharge the line during the time that all microphones on the bus have tri-stated
their outputs. A 100 kΩ resistor is sufficient for this, as shown in Figure 7.
Data Word Length
The output data word length is 24 bits per channel. The INMP441 must always have 64 clock cycles for every stereo data-word (fSCK
= 64 × fWS).
Data-Word Format
The default data format is I²S (two’s complement), MSB-first. In this format, the MSB of each word is delayed by one SCK cycle from
the start of each half-frame.
Figure 7. System Block Diagram
SYSTEM MASTER
(DSP, MICROCONTROLLER,
CODEC)
CHIPEN
SCK
WS
L/R
SD
VDD
LEFT
INMP441
GND GND GND
0.1µF
FROM VOLTAGE
REGULATOR
(1.8V TO 3.3V)
CHIPEN
SCK
WS
L/R
SD
VDD
RIGHT
INMP441
GND GND GND
0.1µF
100kΩ
VDD
VDD
Page 11 of 21
Document Number: DS-INMP441-00
Revision: 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com