Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP441ACEZ-R0 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # INMP441ACEZ-R0
Description  Omnidirectional Microphone with Bottom Port and I2S Digital Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INMP441ACEZ-R0 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button INMP441ACEZ-R0 Datasheet HTML 13Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 14Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 15Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 16Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 17Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 18Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 19Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 20Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
INMP441
OUTLINE DIMENSIONS
Figure 16. 9-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
4.72 mm × 3.76 mm × 1.00 mm Body
Dimensions shown in millimeters
Figure 17. Package Marking Specification (Top View)
3.86
3.76
3.66
4.82
4.72
4.62
BOTTOM VIEW
TOP VIEW
SIDE VIEW
0.275
0.250 DIA.
0.225
5
0.96 DIA.
1.56 DIA.
1.05 BSC
1.07
0.30
1.33 BSC
1.05
0.98
0.88
0.24 REF
0.73 REF
2.66 BSC
3.14
REF
4.10 REF
0.40 × 0.60
(PINS 1-8)
1
9
6
4
REFERENCE
CORNER
PIN 1
YY XXXX
441
LOT TRACEABILITY CODE
PIN 1 INDICATION
PART NUMBER
DATECODE
Page 19 of 21
Document Number: DS-INMP441-00
Revision: 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com