Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP441ACEZ-R0 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # INMP441ACEZ-R0
Description  Omnidirectional Microphone with Bottom Port and I2S Digital Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INMP441ACEZ-R0 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button INMP441ACEZ-R0 Datasheet HTML 4Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 5Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 6Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 7Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 8Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 9Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 10Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 11Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
INMP441
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
Figure 3. Pin Configuration
TABLE 6. PIN FUNCTION DESCRIPTIONS
PIN
NAME
FUNCTION
1
SCK
Serial-Data Clock for I²S Interface
2
SD
Serial-Data Output for I²S Interface. This pin tri-states when not actively driving the
appropriate output channel. The SD trace should have a 100 kΩ pulldown resistor to
discharge the line during the time that all microphones on the bus have tri-stated their
outputs.
3
WS
Serial Data-Word Select for I²S Interface
4
L/R
Left/Right Channel Select. When set low, the microphone outputs its signal in the left channel
of the I²S frame. When set high, the microphone outputs its signal in the right channel.
5
GND
Ground. Connect to ground on the PCB.
6
GND
Ground. Connect to ground on the PCB.
7
VDD
Power, 1.8 V to 3.3 V. This pin should be decoupled to Pin 6 with a 0.1 μF capacitor.
8
CHIPEN
Microphone Enable. When set low (ground), the microphone is disabled and put in power-
down mode. When set high (VDD), the microphone is enabled.
9
GND
Ground. Connect to ground on the PCB.
4
L/R
6 GND
3
WS
7 VDD
2
SD
8 CHIPEN
1
SCK
9 GND
BOTTOM VIEW
(Not to Scale)
Page 8 of 21
Document Number: DS-INMP441-00
Revision: 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com