Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP441ACEZ-R0 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # INMP441ACEZ-R0
Description  Omnidirectional Microphone with Bottom Port and I2S Digital Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INMP441ACEZ-R0 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button INMP441ACEZ-R0 Datasheet HTML 13Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 14Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 15Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 16Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 17Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 18Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 19Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 20Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 21Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
INMP441
ORDERING GUIDE
PART
TEMP RANGE
PACKAGE
QUANTITY
INMP441ACEZ-R0*
−40°C to +85°C 9-Terminal LGA_CAV
4,500
INMP441ACEZ-R7†
−40°C to +85°C 9-Terminal LGA_CAV
1,000
EV_INMP441-FX
—
Flexible Evaluation Board
—
EV_INMP441
—
Evaluation Board
—
* – 13” Tape and Reel
† – 7” Tape and reel to be discontinued. Contact sales@invensense.com for availability.
REVISION HISTORY
REVISION DATE
REVISION
DESCRIPTION
02/06/2014
1.0
Initial Release
05/21/2014
1.1
Updated Compliance Disclaimer
Page 20 of 21
Document Number: DS-INMP441-00
Revision: 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com