Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP441ACEZ-R0 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # INMP441ACEZ-R0
Description  Omnidirectional Microphone with Bottom Port and I2S Digital Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INMP441ACEZ-R0 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button INMP441ACEZ-R0 Datasheet HTML 2Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 3Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 4Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 5Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 6Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 7Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 8Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 9Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
INMP441
ABSOLUTE MAXIMUM RATINGS
Stress above those listed as Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only
and functional operation of the device at these conditions is not implied. Exposure to the absolute maximum ratings conditions for
extended periods may affect device reliability.
TABLE 4. ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
Supply Voltage (VDD)
−0.3 V to +3.63 V
Digital Pin Input Voltage
−0.3 V to VDD + 0.3 V or 3.63 V, whichever is less
Sound Pressure Level
160 dB
Mechanical Shock
10,000 g
Vibration
Per MIL-STD-883 Method 2007, Test Condition B
Temperature Range
Biased
−40°C to +85°C
Storage
−55°C to +150°C
ESD CAUTION
ESD (electrostatic discharge) sensitive device.
Charged devices and circuit boards can
discharge without detection. Although this
product features patented or proprietary
protection circuitry, damage may occur on
devices subjected to high energy ESD.
Therefore proper ESD precautions should be
taken to avoid performance degradation or
loss of functionality.
Page 6 of 21
Document Number: DS-INMP441-00
Revision: 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com