Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP441ACEZ-R0 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # INMP441ACEZ-R0
Description  Omnidirectional Microphone with Bottom Port and I2S Digital Output
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INMP441ACEZ-R0 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button INMP441ACEZ-R0 Datasheet HTML 8Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 9Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 10Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 11Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 12Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 13Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 14Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 15Page - List of Unclassifed Manufacturers INMP441ACEZ-R0 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
INMP441
Figure 8. Stereo-Output I²S Format
Figure 9. Mono-Output I²S Format Left Channel (L/R = 0)
Figure 10. Mono-Output I²S Format Right Channel (L/R = 1)
DIGITAL MICROPHONE SENSITIVITY
The sensitivity of a PDM output microphone is specified in units of dBFS (decibels relative to a full-scale digital output). A 0 dBFS sine
wave is defined as a signal whose peak just touches the full-scale code of the digital word (see Figure 5). This measurement
convention means that signals with a different crest factor may have an RMS level higher than 0dBFS. For example, a full-scale
square wave has an RMS level of 3dBFS.
Figure 11. 1 kHz, 0 dBFS Sine Wave
The definition of a 0 dBFS signal must be understood when measuring the sensitivity of the INMP441. An acoustic input signal of a
1 kHz sine wave at 94 dB SPL applied to the INMP441 results in an output signal with a −26 dBFS level. This means that the output
digital word peaks at −26 dB below the digital full-scale level. A common misunderstanding is that the output has an RMS level of
−29 dBFS; however, this is not the case because of the definition of a 0 dBFS sine wave.
MSB
LSB
LEFT CHANNEL
MSB
LSB
RIGHT CHANNEL
HIGH-Z
HIGH-Z
HIGH-Z
1
2
3
4
24
25
26
32
33
34
35
36
56
57
58
64
WS
SCK (64 ×
fS)
SD (24-BIT)
MSB
LSB
LEFT CHANNEL
HIGH-Z
HIGH-Z
1
2
3
4
24
25
26
32
33
34
35
36
56
57
58
64
WS
SCK (64 ×
fS)
SD (24-BIT)
MSB
LSB
RIGHT CHANNEL
HIGH-Z
HIGH-Z
1
2
3
4
24
25
26
32
33
34
35
36
56
57
58
64
WS
SCK (64 ×
fS)
SD (24-BIT)
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
0.9
1.0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
TIME (ms)
Page 12 of 21
Document Number: DS-INMP441-00
Revision: 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com