Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP064A-RKLA1 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS25LP064A-RKLA1
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP064A-RKLA1 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS25LP064A-RKLA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 99 page
background image
IS25LP064A
IS25LP032A
64/32Mb
3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD
I/O QPI DTR INTERFACE
DATA SHEET


Similar Part No. - IS25LP064A-RKLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25LP064 ISSI-IS25LP064 Datasheet
2Mb / 90P
3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25LP064-JBLE ISSI-IS25LP064-JBLE Datasheet
2Mb / 90P
3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
More results

Similar Description - IS25LP064A-RKLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25CQ032 ISSI-IS25CQ032 Datasheet
1Mb / 53P
3V- QUAD SERIAL FLASH MEMORY MULTI- I/O SPI
IS25LQ025B ISSI-IS25LQ025B Datasheet
1,002Kb / 66P
3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25LP128 ISSI-IS25LP128 Datasheet
2Mb / 90P
3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI
IS25LP080D ISSI-IS25LP080D Datasheet
1Mb / 108P
SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP016D ISSI-IS25LP016D Datasheet
1Mb / 114P
SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP032D ISSI-IS25LP032D Datasheet
2Mb / 118P
SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LP256D ISSI-IS25LP256D Datasheet
2Mb / 174P
SERIAL FLASH MEMORY WITH 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
IS25LQ032B ISSI-IS25LQ032B Datasheet
1Mb / 74P
3V QUAD SERIAL FLASH MEMORY WITH MULTI-I/O SPI
IS25WP064A ISSI-IS25WP064A Datasheet
1Mb / 111P
1.8V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
logo
Renesas Technology Corp
AT25QL641 RENESAS-AT25QL641 Datasheet
3Mb / 80P
SPI Serial Flash Memory with Dual I/O, Quad I/O, QPI Support
Sep 14, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com