Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP064A-RKLA1 Datasheet(PDF) 58 Page - Integrated Silicon Solution, Inc

Part # IS25LP064A-RKLA1
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP064A-RKLA1 Datasheet(HTML) 58 Page - Integrated Silicon Solution, Inc

Back Button IS25LP064A-RKLA1 Datasheet HTML 54Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 55Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 56Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 57Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 58Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 59Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 60Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 61Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 62Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
58
Rev. A
11/06/2015
Read with “8/16/32/64-Byte Wrap Around”
The device is capable of burst read with wrap around in both SPI and QPI mode. The size of burst length is
configurable by using P0, P1, and P2 bits in Read Register. P2 bit (Wrap enable) enables the burst mode
feature. P0 and P1 define the size of burst. Burst lengths of 8, 16, 32, and 64 bytes are supported. By default,
address increases by one up through the entire array. By setting the burst length, the data being accessed can
be limited to the length of burst boundary within a 256 byte page. The first output will be the data at the initial
address which is specified in the instruction. Following data will come out from the next address within the burst
boundary. Once the address reaches the end of boundary, it will automatically move to the first address of the
boundary. CE# high will terminate the command.
For example, if burst length of 8 and initial address being applied is 0h, following byte output will be from
address 00h and continue to 01h,..,07h, 00h, 01h… until CE# terminates the operation. If burst length of 8 and
initial address being applied is FEh(254d), following byte output will be from address FEh and continue to FFh,
F8h, F9h, FAh, FBh, FCh, FDh, and repeat from FEh until CE# terminates the operation.
The command, “SET READ PARAMETERS OPERATION (C0h)”, is used to configure the burst length. If the
following data input is one of
“00h”,”01h”,”02h”, and ”03h”, the device will be in default operation mode. It will be
continuous burst read of the whole array. If the following data input is one of
“04h”,”05h”,”06h”, and ”07h”, the
device will set the burst length as 8,16,32 and 64 respectively.
To exit the burst mode
, another “C0h” command is necessary to set P2 to 0. Otherwise, the burst mode will be
retained until either power down or reset operation. To change burst length
, another “C0h” command should be
executed to set P0 and P1 (Detailed information in Table 6.8 Burst Length Data). All read commands operate in
burst mode once the Read Register is set to enable burst mode.
Refer to Figures 8.40 and 8.41 for instruction sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com