Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP064A-RKLA1 Datasheet(PDF) 65 Page - Integrated Silicon Solution, Inc

Part # IS25LP064A-RKLA1
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP064A-RKLA1 Datasheet(HTML) 65 Page - Integrated Silicon Solution, Inc

Back Button IS25LP064A-RKLA1 Datasheet HTML 61Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 62Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 63Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 64Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 65Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 66Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 67Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 68Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 69Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
65
Rev. A
11/06/2015
8.31 SOFTWARE RESET (RESET-ENABLE (RSTEN, 66h) AND RESET (RST, 99h)) AND HARDWARE RESET
The Software Reset operation is used as a system reset that puts the device in normal operating mode. During
the Reset operation, the value of volatile registers will default back to the value in the corresponding non-volatile
register. This operation consists of two commands: Reset-Enable (RSTEN) and Reset (RST). The operation
requires the Reset-Enable command followed by the Reset command. Any command other than the Reset
command after the Reset-Enable command will disable the Reset-Enable.
Execute the CE# pin low  sends the Reset-Enable command (66h), and drives CE# high. Next, the host drives
CE# low again, sends the Reset command (99h), and pulls CE# high.
Only for the parts that have the RESET# function option, Hardware Reset function is available. For all packages
with RESET# (IO3) option except 16-pin SOIC/24-ball TFBGA with dedicated RESET# function, the RESET#
pin will be solely applicable in SPI mode and when the QE bit is disabled. For 16-pin SOIC/24-ball TFBGA
packages with dedicated RESET# function, the RESET# pin (or ball) is always applicable regardless of the QE
bit value.
The dedicated RESET# pin (or ball) has an internal pull-up resistor and may be left floating if not used The
RESET# pin (or ball) has the highest priority among all the input signals and will reset the device to its initial
power-on state regardless of the state of all other pins (CE#, IOs, SCK, and WP#).
In order to activate Hardware Reset, the RESET# pin (or ball) must be driven low for a minimum period of t
RESET
(1µs). Drive RESET# low for a minimum period of t
RESET will interrupt any on-going internal and external
operations, release the device from deep power down mode
1, disable all input signals, force the output pin enter
a state of high impedance, and reset all the read parameters. If the RESET# pulse is driven for a period shorter
than 1µs, it may still reset the device, however the 1µs minimum period is recommended to ensure the reliable
operation. The required wait time after activating a HW Reset before the device will accept another instruction
(tHWRST) is the same as the maximum value of tSUS (100µs).
The Software/Hardware Reset during an active Program or Erase operation aborts the operation, which can
result in corrupting or losing the data of the targeted address range. Depending on the prior operation, the reset
timing may vary. Recovery from a Write operation will require more latency than recovery from other operations.
Note 1: The Status and Function Registers remain unaffected.
Figure 8.50 Software Reset Enable and Software Reset Sequence (RSTEN, 66h + RST, 99h)
Instruction = 66h
CE#
SCK
SI
0
1
Mode 3
Mode 0
2
3
4
5
6
7
Instruction = 99h
8
9
10
11
12
13
14
15
SO
High Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com