Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP064A-RKLA1 Datasheet(PDF) 99 Page - Integrated Silicon Solution, Inc

Part # IS25LP064A-RKLA1
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP064A-RKLA1 Datasheet(HTML) 99 Page - Integrated Silicon Solution, Inc

Back Button IS25LP064A-RKLA1 Datasheet HTML 91Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 92Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 93Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 94Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 95Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 96Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 97Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 98Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 99Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 99 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
99
Rev. A
11/06/2015
Notes:
1. A* = A1, A2, A3: Meets AEC-Q100 requirements with PPAP, E1= Extended+ non-Auto qualified
Temp Grades: E= -40 to 105°C, E1= -40 to 125°C, A1= -40 to 85°C, A2= -40 to 105°C, A3= -40 to 125°C
2. For RESET# pin option, call Factory.
3. The dedicated RESET# pin (or ball) on pin3/ball A4.
4. Call Factory for other package and option available
Density
Frequency (MHz)
Order Part Number(1)
Package(2)
32Mb
133
IS25LP032A-JBLE
IS25LP032A-JBLE1
8-pin SOIC 208mil
IS25LP032A-JKLE
IS25LP032A-JKLE1
8-contact WSON 6x5mm
IS25LP032A-JLLE
IS25LP032A-JLLE1
8-contact WSON 8x6mm
IS25LP032A-JFLE
IS25LP032A-JFLE1
8-pin VSOP 208mil
IS25LP032A-JMLE
IS25LP032A-JMLE1
16-pin SOIC 300mil
IS25LP032A-JGLE
IS25LP032A-JGLE1
24-ball TFBGA 6x8mm 4x6 ball array
IS25LP032A-JHLE
IS25LP032A-JHLE1
24-ball TFBGA 6x8mm 5x5 ball array (Call Factory)
IS25LP032A-RMLE
IS25LP032A-RMLE1
16-pin SOIC 300mil(3)
IS25LP032A-PMLE
IS25LP032A-PMLE1
16-pin SOIC 300mil(3)
IS25LP032A-RGLE
IS25LP032A-RGLE1
24-ball TFBGA 6x8mm 4x6 ball array (3)
IS25LP032A-PGLE
IS25LP032A-PGLE1
24-ball TFBGA 6x8mm 4x6 ball array (3)
IS25LP032A-DMLE
IS25LP032A-DMLE1
16-pin SOIC 300mil
IS25LP032A-DGLE
IS25LP032A-DGLE1
24-ball TFBGA 6x8mm 4x6 ball array
IS25LP032A-DHLE
IS25LP032A-DHLE1
24-ball TFBGA 6x8mm 5x5 ball array (Call Factory)
IS25LP032A-JBLA*
8-pin SOIC 208mil (Call Factory)
IS25LP032A-JKLA*
8-contact WSON 6x5mm (Call Factory)
IS25LP032A-JLLA*
8-contact WSON 8x6mm (Call Factory)
IS25LP032A-JFLA*
8-pin VSOP 208mil (Call Factory)
IS25LP032A-JMLA*
16-pin SOIC 300mil (Call Factory)
IS25LP032A-JGLA*
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25LP032A-JHLA*
24-ball TFBGA 6x8mm 5x5 ball array (Call Factory)
IS25LP032A-RMLA*
16-pin SOIC 300mil(3)(Call Factory)
IS25LP032A-RGLA*
24-ball TFBGA 6x8mm 4x6 ball array (3) (Call Factory)
IS25LP032A-RHLA*
24-ball TFBGA 6x8mm 5x5 ball array (3) (Call Factory)
IS25LP032A-PMLA*
16-pin SOIC 300mil(3)(Call Factory)
IS25LP032A-PGLA*
24-ball TFBGA 6x8mm 4x6 ball array (3) (Call Factory)
IS25LP032A-PHLA*
24-ball TFBGA 6x8mm 5x5 ball array (3) (Call Factory)
IS25LP032A-DMLA*
16-pin SOIC 300mil (Call Factory)
IS25LP032A-DGLA*
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25LP032A-DHLA*
24-ball TFBGA 6x8mm 5x5 ball array (Call Factory)
IS25LP032B-JWLE
KGD (Call Factory)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com