Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP064A-RKLA1 Datasheet(PDF) 98 Page - Integrated Silicon Solution, Inc

Part # IS25LP064A-RKLA1
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP064A-RKLA1 Datasheet(HTML) 98 Page - Integrated Silicon Solution, Inc

Back Button IS25LP064A-RKLA1 Datasheet HTML 91Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 92Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 93Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 94Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 95Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 96Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 97Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 98Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 99Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 98 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
98
Rev. A
11/06/2015
Density
Frequency (MHz)
Order Part Number(1)
Package(2)
64Mb
133
IS25LP064A-JBLE
IS25LP064A-JBLE1
8-pin SOIC 208mil
IS25LP064A-JKLE
IS25LP064A-JKLE1
8-contact WSON 6x5mm
IS25LP064A-JLLE
IS25LP064A-JLLE1
8-contact WSON 8x6mm
IS25LP064A-JFLE
IS25LP064A-JFLE1
8-pin VSOP 208mil
IS25LP064A-JMLE
IS25LP064A-JMLE1
16-pin SOIC 300mil
IS25LP064A-JGLE
IS25LP064A-JGLE1
24-ball TFBGA 6x8mm 4x6 ball array
IS25LP064A-JHLE
IS25LP064A-JHLE1
24-ball TFBGA 6x8mm 5x5 ball array (Call Factory)
IS25LP064A-QBLE
IS25LP064A-QBLE1
8-pin SOIC 208mil
IS25LP064A-QKLE
IS25LP064A-QKLE1
8-contact WSON 6x5mm
IS25LP064A-QLLE
IS25LP064A-QLLE1
8-contact WSON 8x6mm
IS25LP064A-QFLE
IS25LP064A-QFLE1
8-pin VSOP 208mil
IS25LP064A-QMLE
IS25LP064A-QMLE1
16-pin SOIC 300mil
IS25LP064A-QGLE
IS25LP064A-QGLE1
24-ball TFBGA 6x8mm
IS25LP064A-RMLE
IS25LP064A-RMLE1
16-pin SOIC 300mil(3)
IS25LP064A-PMLE
IS25LP064A-PMLE1
16-pin SOIC 300mil(3)
IS25LP064A-RGLE
IS25LP064A-RGLE1
24-ball TFBGA 6x8mm 4x6 ball array (3)
IS25LP064A-RHLE
IS25LP064A-RHLE1
24-ball TFBGA 6x8mm 5x5 ball array (3) (Call Factory)
IS25LP064A-PGLE
IS25LP064A-PGLE1
24-ball TFBGA 6x8mm 4x6 ball array (3)
IS25LP064A-DMLE
IS25LP064A-DMLE1
16-pin SOIC 300mil
IS25LP064A-DGLE
IS25LP064A-DGLE1
24-ball TFBGA 6x8mm 4x6 ball array
IS25LP064A-JBLA*
8-pin SOIC 208mil (Call Factory)
IS25LP064A-JKLA*
8-contact WSON 6x5mm (Call Factory)
IS25LP064A-JLLA*
8-contact WSON 8x6mm (Call Factory)
IS25LP064A-JMLA*
16-pin SOIC 300mil (Call Factory)
IS25LP064A-JGLA*
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25LP064A-JHLA*
24-ball TFBGA 6x8mm 5x5 ball array (Call Factory)
IS25LP064A-QBLA*
8-pin SOIC 208mil (Call Factory)
IS25LP064A-QKLA*
8-contact WSON 6x5mm (Call Factory)
IS25LP064A-QMLA*
16-pin SOIC 300mil (Call Factory)
IS25LP064A-QGLA*
24-ball TFBGA 6x8mm (Call Factory)
IS25LP064A-RMLA*
16-pin SOIC 300mil(3)(Call Factory)
IS25LP064A-RGLA*
24-ball TFBGA 6x8mm 4x6 ball array (3) (Call Factory)
IS25LP064A-RHLA*
24-ball TFBGA 6x8mm 5x5 ball array (3) (Call Factory)
IS25LP064A-PGLA*
24-ball TFBGA 6x8mm 4x6 ball array (3) (Call Factory)
IS25LP064A-DMLA*
16-pin SOIC 300mil(Call Factory)
IS25LP064A-DGLA*
24-ball TFBGA 6x8mm 4x6 ball array (Call Factory)
IS25LP064A-DHLA*
24-ball TFBGA 6x8mm 5x5 ball array (Call Factory)
IS25LP064A-JWLE
KGD (Call Factory)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com