Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LP064A-RKLA1 Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS25LP064A-RKLA1
Description  3V SERIAL FLASH MEMORY WITH 133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LP064A-RKLA1 Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS25LP064A-RKLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS25LP064A-RKLA1 Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 99 page
background image
IS25LP064A/032A
Integrated Silicon Solution, Inc.- www.issi.com
10
Rev. A
11/06/2015
For the device with dedicated RESET# function option on pin3/ball A4.
(pin1/ ball D4 will become HOLD# (IO3) pin, See the Ordering Information for the parts)
SYMBOL
TYPE
DESCRIPTION
CE#
INPUT
Same as the description in previous page
SI (IO0),
SO (IO1)
INPUT/OUTPUT
Same as the description in previous page
WP# (IO2)
INPUT/OUTPUT
Same as the description in previous page
HOLD# (IO3)
INPUT/OUTPUT
Hold/Serial Data IO (IO3):
When the QE bit of Status Register is set to “1”, HOLD#
pin is not available since it becomes IO3. When QE=0 the pin acts as HOLD#.
The HOLD# pin allows the device to be paused while it is selected. It pauses serial
communication by the master device without resetting the serial sequence. The
HOLD# pin is active low. When HOLD# is in a low state and CE# is low, the SO pin
will be at high impedance. Device operation can resume when HOLD# pin is brought
to a high state.
RESET#
INPUT/OUTPUT
RESET: Dedicated RESET# function is available only for specific parts. The
RESET# pin (or ball) will be independent of the QE bit of Status Register.
The RESET# is a hardware RESET signal. When RESET# is driven HIGH, the
memory is in the normal operating mode. When RESET# is driven LOW, the
memory enters reset mode and output is High-Z. If RESET# is driven LOW while an
internal WRITE, PROGRAM, or ERASE operation is in progress, data may be lost.
SCK
INPUT
Same as the description in previous page
Vcc
POWER
Same as the description in previous page
GND
GROUND
Same as the description in previous page
NC
Unused
Same as the description in previous page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com