Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-CCTESSQTP Datasheet(PDF) 23 Page - Microchip Technology

Part # MXT1664T3-CCTESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-CCTESSQTP Datasheet(HTML) 23 Page - Microchip Technology

Back Button MXT1664T3-CCTESSQTP Datasheet HTML 19Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 20Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 21Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 22Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 23Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 24Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 25Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 26Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 23
2.5.5
VDDCORE
VddCore is internally generated from the Vdd power supply. To guarantee stability of the internal voltage regulator, one
or more external decoupling capacitors are required.
2.5.6
XTAL_XOUT AND XTAL_XIN
In USB mode, the XTAL_XOUT and XTAL_XIN pins are connected to the crystal oscillator. In I2C mode, the
XTAL_XOUT and XTAL_XIN pins are used by the SPI Debug Interface and should be brought out to test points.
2.5.7
MULTIPLE FUNCTION PINS
Some pins may have multiple functions. In this case, only one function can be chosen and the circuit should be designed
accordingly.
2.5.8
GPIO PINS
The mXT1664T3 has 6 GPIO pins. The pins can be set to be either an input or an output, as required, using the GPIO
Configuration T19 object.
If a GPIO pin is unused, it can be left unconnected externally as long as it is given a defined state by the GPIO
Configuration T19 object. By default the GPIO pins are set to be inputs so if a pin is not used, and is left configured as
an input, it should be connected to GND through a resistor. Alternatively, it can be set as an output low using the GPIO
Configuration T19 object and left open. This second option avoids any problems should the pin accidentally be
configured as output high at a later date.
If the GPIO Configuration T19 object is not enabled for use, the GPIO pins cannot be used.
2.5.9
SPI DEBUG INTERFACE
In I2C mode, the DBG_CLK, DBG_DATA and DBG_SS lines form the SPI Debug Interface. These pins should be routed
to test points on all designs, such that they can be connected to external hardware during system development and for
debug purposes. See also Section 13.1 “SPI Debug Interface”.
The DBG_CLK, DBG_DATA and DBG_SS lines should not be connected to power or GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com