Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-CCTESSQTP Datasheet(PDF) 65 Page - Microchip Technology

Part # MXT1664T3-CCTESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-CCTESSQTP Datasheet(HTML) 65 Page - Microchip Technology

Back Button MXT1664T3-CCTESSQTP Datasheet HTML 61Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 62Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 63Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 64Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 65Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 66Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 67Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 68Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 65
Power Configuration T7
Controls the sleep mode of the device. Power
consumption can be lowered by controlling
the acquisition frequency and the sleep time
between acquisitions.
1
Must be configured before use.
Acquisition Configuration T8 Controls how the device takes each
capacitive measurement.
1
Must be configured before use.
Touch Objects
Multiple Touch Touchscreen
T100
Creates a Touchscreen that supports the
tracking of more than one touch.
1
Enable and configure as
required.
Signal Processing Objects
Grip Suppression T40
Suppresses false detections caused, for
example, by the user gripping the edge of a
touchscreen.
1
Enable and configure as
required.
Touch Suppression T42
Suppresses false detections caused by
unintentional large touches by the user.
1
Enable and configure as
required.
Passive Stylus T47
Processes passive stylus input.
1
Enable and configure as
required.
Shieldless T56
Allows a sensor to use true single-layer co-
planar construction.
1
Enable and configure as
required.
Lens Bending T65
Compensates for lens deformation (lens
bending) by attempting to eliminate the
disturbance signal from the reported deltas.
3
Enable and configure as
required.
Noise Suppression T72
Performs various noise reduction techniques
during sensor signal acquisition.
1
Enable and configure as
required.
Glove Detection T78
Allows for the reporting of glove touches.
1
Enable and configure as
required.
Retransmission
Compensation T80
Limits the negative effects on touch signals
caused by poor device coupling to ground or
moisture on the sensor.
1
Enable and configure as
required.
Self Capacitance Noise
Suppression T108
Suppresses the effects of external noise
within the context of self capacitance touch
measurements.
1
Enable and configure as
required.
Self Capacitance Grip
Suppression T112
Allows touches to be reported from the self
capacitance measurements while the device
is being gripped.
1
Enable and configure as
required.
Support Objects
Communications
Configuration T18
Configures additional communications
behavior for the device.
1
Check and configure as
necessary.
GPIO Configuration T19
Allows the host controller to configure and
use the general purpose I/O pins on the
device.
1
Enable and configure as
required.
Self Test T25
Configures and performs self-test routines to
find faults on a touch sensor.
1
Configure as required for pin
test commands.
User Data T38
Provides a data storage area for user data.
1
Configure as required.
Digitizer HID Configuration
T43
Configures the Digitizer HID interface and the
Descriptors associated with it.
1
Enable and configure as
required.
Message Count T44
Provides a count of pending messages.
1
Read-only object.
CTE Configuration T46
Controls the capacitive touch engine for the
device.
1
Must be configured.
TABLE 12-1:
OBJECTS ON THE MXT1664T3 (CONTINUED)
Object
Description
Number of
Instances
Usage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com