Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-CCTESSQTP Datasheet(PDF) 47 Page - Microchip Technology

Part # MXT1664T3-CCTESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-CCTESSQTP Datasheet(HTML) 47 Page - Microchip Technology

Back Button MXT1664T3-CCTESSQTP Datasheet HTML 43Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 44Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 45Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 46Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 47Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 48Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 49Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 50Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 98 page
background image
MXT1664T3 2.0
 2018 Microchip Technology Inc.
DS40002054A-page 47
• Byte 0:
The HID-I2C report ID (see Table 9-2 on page 40 for Touch reports).
•Byte 1:
Status is the status of the touch detection. This bit is set to 1 if touch is detected, and set to 0, if no touches are
detected.
•Byte 2:
Touch ID identifies the touch for which this is a status report (starting from 0).
• Bytes 3 to 10:
X and Y positions identify the touch position. These are scaled to 12-bit resolution. This means that the upper four
bits of the MSByte will always be zero. Bytes 5, 6, 9 and 10 are reserved when TCHGEOMEN field is set to 0.
•Byte 11:
Touch Width reports the width of the detected touch when TCHGEOMEN is set to 1.
Reserved when TCHGEOMEN is set to 0
• Byte 13:
Touch Height reports the height of the detected touch when TCHGEOMEN is set to 1.
Reserved when TCHGEOMEN is set to 0
• Byte 15 to 16:
Scan Time is the timestamp associated with the current report packet (10 kHz resolution).
• Byte 17:
Count is the number of active touches to be sent in one package, for the first touch only. Subsequent packets for
subsequent active touches have a Count of 0.
11
Touch Width
12
Reserved
13
Touch Height
14
Reserved
15
Scan Time LSByte
16
Scan Time MSByte
17
Packet Count
TABLE 9-4:
TOUCH REPORT FORMAT WHEN TCHGEOMEN = 0
Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0HID-I2C Touch Report ID
1
Reserved
Status
2
Touch ID
3
Touch X Position LSByte (first touch)
4
Reserved
Touch X Position MSBits (first touch)
5
Reserved
6
Reserved
7
Touch Y Position LSByte (first touch)
8
Reserved
Touch Y Position MSBits (first touch)
9
Reserved
10
Reserved
11
Reserved
12
Reserved
13
Reserved
14
Reserved
15
Scan Time LSByte
16
Scan Time MSByte
17
Packet Count
TABLE 9-3:
TOUCH REPORT FORMAT WHEN TCHGEOMEN = 1 (CONTINUED)
Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com