Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-CCTESSQTP Datasheet(PDF) 52 Page - Microchip Technology

Part # MXT1664T3-CCTESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-CCTESSQTP Datasheet(HTML) 52 Page - Microchip Technology

Back Button MXT1664T3-CCTESSQTP Datasheet HTML 48Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 49Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 50Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 51Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 52Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 53Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 54Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 55Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 52
 2018 Microchip Technology Inc.
In Figure 10-5 on page 51:
• Number of Bytes to Read is set to zero as this is a write-only operation.
• Number of Bytes to Write is six (that is, four data bytes plus the two address pointer bytes).
Figure 10-6 shows the response to this command. Note that the result status returned is 0x04 (that is, the write operation
was completed but no read data was requested).
FIGURE 10-6:
RESPONSE TO EXAMPLE FOUR-BYTE WRITE
10.4.1.3
Reading From the Device
A read operation consists of sending a packet that contains the six header bytes only and no write data.
Figure 10-7 shows an example command packet to read four bytes starting at address 0x1234. Note that the address
pointer is included in the number of bytes to write, so the number of bytes to write is set to 2 as there are no other data
bytes to be written.
FIGURE 10-7:
EXAMPLE OF A FOUR-BYTE READ STARTING AT ADDRESS 0x1234
It is not necessary to set the address pointer before every read. The address pointer is updated automatically after every
read operation, so the address pointer will be correct if the reads occur in order.
Figure 10-8 shows the response to this command. The result status returned is 0x00 (that is the write operation was
completed and the data was returned). The number of bytes returned will be the same as the number requested (4 in
this case).
FIGURE 10-8:
RESPONSE TO EXAMPLE FOUR-BYTE READ
10.4.2
SEND AUTO-RETURN MESSAGES
With this command the device can be configured to return new messages from the Message Processor T5 object
autonomously. The packet sequence to do this is shown in Figure 10-9.
Result
0x04
Rpt ID
Unused Bytes
(62 Bytes)
0x00
0x00
...
0x51
0x02
Number
of Bytes
to Write
0x04
0x34
0x12
Address Pointer
(LSByte, MSByte)
Number
of Bytes
to Read
Command
ID
Rpt ID
Unused Bytes
(58 Bytes)
0x00
0x00
...
0x00
0x04
Number
of Bytes
Read
Read Data
(4 Bytes)
0x96
0x9B
0xA0
0xA5
Result
Rpt ID
Unused Bytes
(57 Bytes)
0x00
0x00
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com