Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MXT1664T3-CCTESSQTP Datasheet(PDF) 70 Page - Microchip Technology

Part # MXT1664T3-CCTESSQTP
Description  maXTouch 1664-node Touchscreen Controller
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MXT1664T3-CCTESSQTP Datasheet(HTML) 70 Page - Microchip Technology

Back Button MXT1664T3-CCTESSQTP Datasheet HTML 66Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 67Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 68Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 69Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 70Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 71Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 72Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 73Page - Microchip Technology MXT1664T3-CCTESSQTP Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 98 page
background image
MXT1664T3 2.0
DS40002054A-page 70
 2018 Microchip Technology Inc.
14.2.1
DC CHARACTERISTICS
14.2.1.1
Analog Voltage Supply – AVdd
14.2.1.2
Digital Voltage Supply – VddIO, Vdd
14.2.1.3
XVdd Voltage Supply – XVdd
14.2.2
POWER SUPPLY RIPPLE AND NOISE
Parameter
Min
Typ
Max
Units
Notes
AVdd
Operating limits
3.14
3.3
3.47
V
Supply Rise Rate
–
–
0.036
V/µs
For example, for a 3.3 V rail, the
voltage must not rise in less than
92 µs
Parameter
Min
Typ
Max
Units
Notes
VddIO
Operating limits, I2C
1.71
3.3
3.47
V
I2C
Operating limits, USB
3.14
3.3
3.47
V
USB
Supply Rise Rate
–
–
0.036
V/µs
For example, for a 3.3 V rail, the
voltage must not rise in less than
92 µs
Vdd
Operating limits
3.14
3.3
3.47
V
Supply Rise Rate
–
–
0.036
V/µs
For example, for a 3.3 V rail, the
voltage must not rise in less than
92 µs
Supply Fall Rate
–
–
0.05
V/µs
For example, for a 3.3 V rail, the
voltage must not fall in less than
66 µs
Parameter
Min
Typ
Max
Units
Notes
XVdd
Operating limits
6.1
8.5
9.5
V
External XVdd supply
Supply Rise Rate
–
–
0.1
V/µs
For example, for a 10 V rail, the
voltage must not rise in less than
85 µs
Parameter
Min
Typ
Max
Units
Notes
Vdd
–
–
±50
mV
Across frequency range
1Hz to 1MHz
AVdd
–
–
±40
mV
Across frequency range
1 Hz to 1 MHz, with Noise
Suppression enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com