| Electronic Components Datasheet Search |
|
MXT1664T3-CCTESSQTP Datasheet(PDF) 44 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MXT1664T3-CCTESSQTP Datasheet(HTML) 44 Page - Microchip Technology |
|
44 / 98 page ![]() MXT1664T3 2.0 DS40002054A-page 44 2018 Microchip Technology Inc. FIGURE 9-9: SEND AUTO-RETURN – COMMAND PACKET FORMAT In Figure 9-9: • Rpt ID is the HID-I2C report ID used for Object Protocol commands and responses (see Table 9-2 on page 40). • Command ID is the command ID for the Send Auto-return command (0x88) • Reserved Bytes are reserved bytes with a value of 0x00. Note that with this command, the command packet does not include an address pointer as the device already knows the address of the Message Processor T5 object. The response packet has the format given in Figure 9-10. FIGURE 9-10: SEND AUTO-RETURN – RESPONSE PACKET FORMAT Once the device has responded to the command, it starts sending message data. Each time a message is generated in the Message Processor T5 object, the device automatically sends a message packet to the host with the data. The message packets have the format given in Figure 9-11. FIGURE 9-11: SEND AUTO-RETURN – MESSAGE PACKET FORMAT In Figure 9-11: • Rpt ID is the HID-I2C report ID used for Object Protocol commands and responses (see Table 9-2 on page 40). • ID Bytes identify the packet as an auto-return message packet. • Message Report ID is the report ID returned by the Message Processor T5 object. Note that this is the report ID used in the Object Protocol and should not be confused with the HID-I2C report ID. Refer to the mXT1664T3 2.0 Protocol Guide for more information on the use of Object Protocol report IDs. • Message Data bytes are the bytes of data returned by the Message Processor T5 object. The size of the data depends on the source object for which this is the message data. Any unused bytes are padded with zeros. Refer to the mXT1664T3 2.0 Protocol Guide for more information on the messages from the various objects. To stop the sending of the messages, the host can send a null command packet. This consists of two bytes: the HID- I2C report ID for Object Protocol commands and responses (see Table 9-2 on page 40) and a null command byte of 0x00 (see Figure 9-12). FIGURE 9-12: SEND AUTO-RETURN – NULL COMMAND PACKET FORMAT 0x88 Command ID Rpt ID Reserved Bytes (12 Bytes) 0x00 0x00 ... Reserved Bytes (12 Bytes) 0x00 0x00 ... 0x88 Command Received Rpt ID 0xFA 0x00 ID Bytes Message Report ID Msg ID Data n Data 0 ... 0x00 0x00 ... Rpt ID Message Data Unused Bytes (Packet Padded to 14 Bytes) 0x00 Null Command ID Rpt ID Reserved Bytes (12 Bytes) 0x00 0x00 ... |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |