Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A16N16MPP Datasheet(PDF) 4 Page - Pentair plc. All rights reserved.

Part # A16N16MPP
Description  Panels and Panel Accessories
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

A16N16MPP Datasheet(HTML) 4 Page - Pentair plc. All rights reserved.

  A16N16MPP Datasheet HTML 1Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 2Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 3Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 4Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 5Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 6Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 7Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 8Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 9Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Panels and Panel accessories Panels for enclosures
Spec-00310 W
PH 763.422.2211 • PentairProtect.com/Hoffman
Pentair electrical
accessories
4
coMPosiTe Panels For JUncTion BoXes and Ul/neMa Wall-MoUnT enclosUres
manufactured from light-brown, reinforced phenolic laminate
sheet stock. this material has exceptional strength and chemical
resistance, which makes it ideally suited for the most corrosive
environments. composite panels are intended for use in corrosion-
resistant enclosures. Panel sizes are available for junction boxes
and Ul/nema size enclosures. composite panels may be drilled
and tapped but work equally as well with self-threading or thread-
cutting screws. refer to the table for recommended mounting
specifications.
BULLETIN: PNLC
Standard Product
 
Catalog Number
Panel Size
D x E
in./mm
R
in./mm
S
in./mm
Hole Dia.
in./mm
Panel
Thickness
in./mm
A6P4C
4.88 x 2.88
124 x 73
4.25
108
2.25
57
0.25
6
0.12
3
A6P6C
4.88 x 4.88
124 x 124
4.25
108
4.25
108
0.25
6
0.12
3
A8P6C
6.75 x 4.88
171 x 124
6.25
159
4.25
108
0.25
6
0.12
3
A10P8C
8.75 x 6.88
222 x 175
8.25
210
6.25
159
0.25
6
0.12
3
A12P10C
10.75 x 8.88
273 x 226
10.25
260
8.25
210
0.25
6
0.19
5
A14P12C
12.75 x 10.88
324 x 276
12.25
311
10.25
260
0.25
6
0.19
5
A16P14C
14.75 x 12.88
375 x 327
14.25
362
12.25
311
0.25
6
0.19
5
A18P16C
16.75 x 14.88
425 x 379
16.25
413
14.25
362
0.25
6
0.19
5
A20P16C
17.00 x 13.00
432 x 330
15.25
387
11.25
286
0.50
13
0.19
5
A20P20C
17.00 x 17.00
432 x 432
15.25
387
15.25
387
0.50
13
0.19
5
A24P20C
21.00 x 17.00
533 x 432
19.25
489
15.25
387
0.50
13
0.19
5
A24P24C
21.00 x 21.00
533 x 533
19.25
489
19.25
489
0.50
13
0.19
5
A30P24C
27.00 x 21.00
686 x 533
25.25
641
19.25
489
0.50
13
0.19
5
 composite Panel Mounting recommendations
Screw Type
Screw Size
Hole Size
in./mm
Max. Insertion Torque (lb.)
in 0.12 in. Material
Max. Insertion Torque (lb.)
in 0.19 in. Material
Max. Load (lb. per screw)
in 0.12 in. Material
Max. Load (lb. per screw)
in 0.19 in. Material
Machine (tapped hole)
8-32
.136
3
15
25
40
45
Machine (tapped hole)
10-32
.161
4
15
25
35
40
Machine (tapped hole)
1/4-20
.204
5
20
25
30
35
Thread Cutting Type T
8-32
.144
4
15
25
40
45
Thread Cutting Type T
10-32
.166
4
15
25
35
40
Thread Cutting Type T
1/4-20
.288
7
20
25
30
35
Sheet Metal A-B
8-32
.147
4
Not recommended
10
40
45
Sheet Metal A-B
10-32
.166
4
Not recommended
10
35
40
Sheet Metal A-B
1/4-20
.221
6
Not recommended
15
30
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com