Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A16N16MPP Datasheet(PDF) 14 Page - Pentair plc. All rights reserved.

Part # A16N16MPP
Description  Panels and Panel Accessories
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

A16N16MPP Datasheet(HTML) 14 Page - Pentair plc. All rights reserved.

Back Button A16N16MPP Datasheet HTML 8Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 9Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 10Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 11Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 12Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 13Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 14Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 15Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 16Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Panels and Panel accessories Panels for enclosures
Spec-00310 W
PH 763.422.2211 • PentairProtect.com/Hoffman
Pentair electrical
accessories
14
cenTer Panel sUPPorTs
center panel supports are used with free-Stand type 12 (Bulletin
a30) two-door enclosures. they permit the installation of panels,
swing-out panels and rack-mounting angles sized for one-door
enclosures. the center Panel Support can be positioned from front
to back of the enclosure.
BULLETIN: A80
Standard Product
  Panel supports
Catalog Number
Fits Enclosure A (in.)
Fits Enclosure A (mm)
G (in.)
G (mm)
A60FSCPS
60.00
1524
23.12
587
A72FSCPS
72.00
1829
29.12
740
A90FSCPS
90.00
2286
38.12
968
 accessory Width with center Panel supports
Two Door Enclosure Width
(in.)
Two Door Enclosure Width
(mm)
Accessory Width
(in.)
Accessory Width
(mm)
48.00
1219
24.00
610
60.00
1524
30.00
762
72.00
1829
36.00
914



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com