Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A16N16MPP Datasheet(PDF) 12 Page - Pentair plc. All rights reserved.

Part # A16N16MPP
Description  Panels and Panel Accessories
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

A16N16MPP Datasheet(HTML) 12 Page - Pentair plc. All rights reserved.

Back Button A16N16MPP Datasheet HTML 8Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 9Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 10Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 11Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 12Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 13Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 14Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 15Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 16Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Panels and Panel accessories Panels for enclosures
Spec-00310 W
PH 763.422.2211 • PentairProtect.com/Hoffman
Pentair electrical
accessories
12
Panels For Free-sTand sinGle- and dUal-access
TWo-door enclosUres
Panels for two-door single access and two-door dual access free-
Stand type 4, 4X and 12 enclosures with mounting channel are
11 gauge steel and can be positioned anywhere along horizontal
mounting channels (see Sections B-B for limitations). Half-
length panels can be located in the upper or lower portion of the
enclosure. Some assembly is required.
Panels are finished with white polyester powder paint or a
conductive, corrosion-resistant coating and furnished with plated
mounting hardware.
center support is furnished with each full panel or half panel for
two-door enclosures. the center support attaches to the top and
bottom mounting channels and can be positioned from front to back
in the enclosure. the center support can be used with heavy duty
panel supports to support panels of various heights.
BULLETIN: PNL30
Catalog Number
Description
Finish
Fits Enclosure
A x B (in.)
Fits Enclosure
A x B (mm)
Panel Size (in.)
Panel Size (mm)
G (in.)
G (mm)
A60P48F1
Full Panel
Painted Steel
60.00 x 48.00
1524 x 1219
48.00 x 44.00
1219 x 1118
23.12
587
A60P48F1G
Full Panel
Conductive
60.00 x 48.00
1524 x 1219
48.00 x 44.00
1219 x 1118
23.12
587
A72P48F1
Full Panel
Painted Steel
72.00 x 48.00
1829 x 1219
60.00 x 44.00
1524 x 1118
29.12
740
A72P48F1G
Full Panel
Conductive
72.00 x 48.00
1829 x 1219
60.00 x 44.00
1524 x 1118
29.12
740
A72P48F2
Half Panel
Painted Steel
72.00 x 48.00
1829 x 1219
30.88 x 44.00
784 x 1118
29.12
740
A72P48F2G
Half Panel
Conductive
72.00 x 48.00
1829 x 1219
30.88 x 44.00
784 x 1118
29.12
740
A90P48F1
Full Panel
Painted Steel
90.00 x 48.00
2286 x 1219
78.00 x 44.00
1981 x 1118
38.12
968
A90P48F1G
Full Panel
Conductive
90.00 x 48.00
2286 x 1219
78.00 x 44.00
1981 x 1118
38.12
968
A90P48F2
Half Panel
Painted Steel
90.00 x 48.00
2286 x 1219
39.88 x 44.00
1013 x 1118
38.12
968
A90P48F2G
Half Panel
Conductive
90.00 x 48.00
2286 x 1219
39.88 x 44.00
1013 x 1118
38.12
968
A72P60F1
Full Panel
Painted Steel
72.00 x 60.00
1829 x 1524
60.00 x 56.00
1524 x 1422
29.12
740
A72P60F1G
Full Panel
Conductive
72.00 x 60.00
1829 x 1524
60.00 x 56.00
1524 x 1422
29.12
740
A72P60F2
Half Panel
Painted Steel
72.00 x 60.00
1829 x 1524
30.88 x 56.00
784 x 1422
29.12
740
A72P60F2G
Half Panel
Conductive
72.00 x 60.00
1829 x 1524
30.88 x 56.00
784 x 1422
29.12
740
A72P72F1
Full Panel
Painted Steel
72.00 x 72.00
1829 x 1829
60.00 x 68.00
1524 x 1727
29.12
740
A72P72F1G
Full Panel
Conductive
72.00 x 72.00
1829 x 1829
60.00 x 68.00
1524 x 1727
29.12
740
A72P72F2
Half Panel
Painted Steel
72.00 x 72.00
1829 x 1829
30.88 x 68.00
784 x 1727
29.12
740
A72P72F2G
Half Panel
Conductive
72.00 x 72.00
1829 x 1829
30.88 x 68.00
784 x 1727
29.12
740
A90P72F1
Full Panel
Painted Steel
90.00 x 72.00
2286 x 1829
78.00 x 68.00
1981 x 1727
38.12
968
A90P72F1G
Full Panel
Conductive
90.00 x 72.00
2286 x 1829
78.00 x 68.00
1981 x 1727
38.12
968
A90P72F2
Half Panel
Painted Steel
90.00 x 72.00
2286 x 1829
39.88 x 68.00
1013 x 1727
38.12
968
A90P72F2G
Half Panel
Conductive
90.00 x 72.00
2286 x 1829
39.88 x 68.00
1013 x 1727
38.12
968



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com