Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A16N16MPP Datasheet(PDF) 8 Page - Pentair plc. All rights reserved.

Part # A16N16MPP
Description  Panels and Panel Accessories
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

A16N16MPP Datasheet(HTML) 8 Page - Pentair plc. All rights reserved.

Back Button A16N16MPP Datasheet HTML 4Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 5Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 6Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 7Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 8Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 9Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 10Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 11Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 12Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Panels and Panel accessories Panels for enclosures
Spec-00310 W
PH 763.422.2211 • PentairProtect.com/Hoffman
Pentair electrical
accessories
8
Catalog Number
Material
Panel Size
D x E (in.)
Panel Size
D x E (mm)
Panel Gauge
or Thickness
Edge
Flanges
T (in.)
T (mm)
Number
of Holes
A40P24G
Conductive steel
37.00 x 21.00
940 x 533
12 ga.
4
0.75
19
6
A40P30
Painted steel
37.00 x 29.00
940 x 737
12 ga.
4
0.75
19
4
A40P30G
Conductive steel
37.00 x 29.00
940 x 737
12 ga.
4
0.75
19
4
A42P24
Painted steel
39.00 x 21.00
991 x 533
12 ga.
2
0.75
19
6
A42P24G
Conductive steel
39.00 x 21.00
991 x 533
12 ga.
2
0.75
19
6
A42P30
Painted steel
39.00 x 27.00
991 x 686
12 ga.
4
0.75
19
6
A42P30G
Conductive steel
39.00 x 27.00
991 x 686
12 ga.
4
0.75
19
6
A42P30SS6
Stainless Steel
39.00 x 27.00
991 x 686
12 ga.
4
0.75
19
6
A42P36
Painted steel
39.00 x 33.00
991 x 838
12 ga.
4
0.75
19
8
A42P36G
Conductive steel
39.00 x 33.00
991 x 838
12 ga.
4
0.75
19
8
A42P36SS6
Stainless Steel
39.00 x 33.00
991 x 838
12 ga.
4
0.75
19
8
A42P42
Painted steel
39.00 x 39.00
991 x 991
12 ga.
4
0.75
19
8
A42P42G
Conductive steel
39.00 x 39.00
991 x 991
12 ga.
4
0.75
19
8
A48P24
Painted steel
45.00 x 21.00
1143 x 533
12 ga.
2
0.75
19
6
A48P24G
Conductive steel
45.00 x 21.00
1143 x 533
12 ga.
2
0.75
19
6
A48P30
Painted steel
45.00 x 27.00
1143 x 686
12 ga.
4
0.75
19
6
A48P30G
Conductive steel
45.00 x 27.00
1143 x 686
12 ga.
4
0.75
19
6
A48P36
Painted steel
45.00 x 33.00
1143 x 838
12 ga.
4
0.75
19
8
A48P36G
Conductive steel
45.00 x 33.00
1143 x 838
12 ga.
4
0.75
19
8
A48P36SS6
Stainless Steel
45.00 x 33.00
1143 x 838
12 ga.
4
0.75
19
8
A48P36AL
Aluminum
45.00 x 33.00
1143 x 838
0.10 in./3 mm
4
0.75
19
8
A48P42
Painted steel
45.00 x 39.00
1143 x 991
12 ga.
4
0.75
19
8
A48P42G
Conductive steel
45.00 x 39.00
1143 x 991
12 ga.
4
0.75
19
8
A48P48
Painted steel
44.00 x 44.00
1118 x 1118
11 ga.
4
0.84
21
10
A48P48G
Conductive steel
44.00 x 44.00
1118 x 1118
11 ga.
4
0.84
21
10
A54P42
Painted steel
50.00 x 38.00
1270 x 965
11 ga.
4
0.84
21
10
A54P42G
Conductive steel
50.00 x 38.00
1270 x 965
11 ga.
4
0.84
21
10
A60P24
Painted steel
57.00 x 21.00
1448 x 533
12 ga.
4
0.75
19
6
A60P24G
Conductive steel
57.00 x 21.00
1448 x 533
12 ga.
4
0.75
19
6
A60P30
Painted steel
57.00 x 27.00
1448 x 686
12 ga.
4
0.75
19
6
A60P30G
Conductive steel
57.00 x 27.00
1448 x 686
12 ga.
4
0.75
19
6
A60P36
Painted steel
57.00 x 33.00
1448 x 838
12 ga.
4
0.75
19
8
A60P36G
Conductive steel
57.00 x 33.00
1448 x 838
12 ga.
4
0.75
19
8
A60P36SS6
Stainless Steel
57.00 x 33.00
1448 x 838
12 ga.
4
0.75
19
8
A60P36AL
Aluminum
57.00 x 33.00
1448 x 838
0.10 in./3 mm
4
0.75
19
8
A60BFP42
Painted steel
56.00 x 38.00
1422 x 965
11 ga.
4
0.84
21
10
A60BFP42G
Conductive steel
56.00 x 38.00
1422 x 965
11 ga.
4
0.84
21
10
A60P48
Painted steel
56.00 x 44.00
1422 x 1118
11 ga.
4
0.84
21
10
A60P48G
Conductive steel
56.00 x 44.00
1422 x 1118
11 ga.
4
0.84
21
10
A60P60
Painted steel
56.00 x 56.00
1422 x 1422
11 ga.
4
0.84
21
10
A60P60G
Conductive steel
56.00 x 56.00
1422 x 1422
11 ga.
4
0.84
21
10
A72P36
Painted steel
69.00 x 33.00
1753 x 838
12 ga.
4
0.75
19
8
A72P36G
Conductive steel
69.00 x 33.00
1753 x 838
12 ga.
4
0.75
19
8
A72P60
Painted steel
68.00 x 56.00
1727 x 1422
11 ga.
4
0.84
21
10
A72P60G
Conductive steel
68.00 x 56.00
1727 x 1422
11 ga.
4
0.84
21
10
A72P72
Painted steel
68.00 x 68.00
1727 x 1727
11 ga.
4
0.84
21
10
A72P72G
Conductive steel
68.00 x 68.00
1727 x 1727
11 ga.
4
0.84
21
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com